Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 20 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 20 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 16Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 17Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20180305 ©2018 Lumileds Holding B.V. All rights reserved.
19
Color Bin Definitions
Table 7a. 5-Step MacAdam ellipse color bin definitions for LUXEON CZ White at 350mA, T
J=85°C
NOMINAL CCT
COLOR SPACE
CENTER POINT [1]
(cx, cy)
MAJOR AXIS,
a
MINOR AXIS,
b
ELLIPSE ROTATION
ANGLE, θ
3000K
Single 3-Step MacAdam Ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2°
3000K
Single 5-Step MacAdam Ellipse
(0.4338, 0.4030)
0.01390
0.00680
53.2°
5700K
Single 5-Step MacAdam Ellipse
(0.3287, 0.3417)
0.01243
0.00533
59.1°
4000K
Single 5-Step MacAdam Ellipse
(0.3818, 0.3797)
0.01565
0.00670
53.7°
5000K
Single 5-Step MacAdam Ellipse
(0.3447, 0.3553)
0.01370
0.00590
59.6°
Notes for Table 7a:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Table 7b. MacAdam ellipse color bin definitions for LUXEON CZ Color Line.
BIN
SDCM
3U
3-step MacAdam ellipse (80CRI)
3L
3-step MacAdam ellipse (80CRI)
50
5-step MacAdam ellipse (70 CRI)
5A
5-step MacAdam ellipse (80CRI)
5B
5-step MacAdam ellipse (80CRI)
5C
5-step MacAdam ellipse (80CRI)
5D
5-step MacAdam ellipse (80CRI)
Figure 8 . 3- and 5-step MacAdam ellipse illustration for Table 7 .
0.380
0.390
0.400
0.410
0.420
0.430
3-step MacAdam ellipse
5-step MacAdam ellipse
BBL
"Quadrant" lines
3U
3L
5B
5C
5A
5D
Note: Color bin space
illustration for 2700K,
3000K, and 3500K. For CCTs
4000K and above the ellipse
centers are all above the
blackbody line.
Color Space Definition for above and below blackbody
Figure 7 . Color bin structure for LUXEON CZ Color Line .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com