Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 21 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 21 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 17Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20180305 ©2018 Lumileds Holding B.V. All rights reserved.
20
Dominant Wavelength Bins
Table 8. Dominant wavelength bins for LUXEON CZ Red, Green, Cyan and Blue at 350mA, T
J=85°C .
COLOR
PART NUMBER
BIN
RADIOMETRIC POWER [1] (mW)
MINIMUM
MAXIMUM
Red
L1CU-RED1000000000
40
624.0
634.0
Red-Orange
L1CU-RNG1000000000
20
614.0
624.0
Amber
L1CU-AMB1000000000
10
585.0
590.0
20
590.0
594.5
30
594.5
600.0
Green
L1CU-GRN1000000000
10
520.0
525.0
20
525.0
530.0
30
530.0
535.0
40
535.0
540.0
Cyan
L1CU-CYN1000000000
10
490.0
496.0
20
496.0
500.0
30
500.0
505.0
40
505.0
510.0
Blue
L1CU-BLU1000000000
10
460.0
465.0
20
465.0
470.0
30
470.0
475.0
40
475.0
480.0
50
480.0
485.0
Notes for Table 8:
1. Lumileds maintains a tolerance of ±0.5nm on dominant wavelength measurements.
Peak Wavelength Bins
Table 9. Peak wavelength bins for LUXEON CZ Royal Blue at 350mA, T
J=85°C .
COLOR
PART NUMBER
BIN
PEAK WAVELENGTH [1] (nm)
MINIMUM
MAXIMUM
Royal Blue
L1CU-RYL1000000000
30
440
445
40
445
450
50
450
455
60
455
460
Notes for Table 9:
1. Lumileds maintains a tolerance of ±2.0nm on peak wavelength measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com