Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L1CU-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ILLUMINATION
DS198 LUXEON CZ Color Line Product Datasheet ©2018 Lumileds Holding B.V. All rights reserved.
LUXEON CZ Color Line is an optically advanced portfolio of Color and
White LEDs. Designed to maximize punch, the LUXEON CZ Color Line is
the optimal LED solution for architecture, entertainment and emergency
vehicle lighting applications.
LUXEON CZ
Color Line
Maximum punch in any application
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Small and symmetrical 2x2mm² package
Architectural & Entertainment
Industry leading Hot/Cold Factors and the lowest thermal resistance
Lamps
Maximized punch (cd/lm)
– Color Tunable
Specialty Lighting
– Emergency Vehicle
No. E352519


Similar Part No. - L1CU-RNG1000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1CU-RNG1000000000 LUMILEDS-L1CU-RNG1000000000 Datasheet
1Mb / 2P
Maximum punch in any application
L1CU-RNG1000000000 LUMILEDS-L1CU-RNG1000000000 Datasheet
2Mb / 31P
Maximum punch in any application
20210826
More results

Similar Description - L1CU-RNG1000000000

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89876L_0708 MICREL-SY89876L_0708 Datasheet
144Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
logo
STMicroelectronics
ST92F124XX STMICROELECTRONICS-ST92F124XX Datasheet
4Mb / 523P
In-Application Programming
12-Jul-2012
logo
Lumileds Lighting Compa...
PB198 LUMILEDS-PB198 Datasheet
1Mb / 2P
Maximum punch in any application
logo
WALSIN TECHNOLOGY CORPO...
RMASMNT1492ATF03 WALSIN-RMASMNT1492ATF03 Datasheet
764Kb / 17P
Any 2G/3G/4G Handset Application
RMASMP491ATF03 WALSIN-RMASMP491ATF03 Datasheet
720Kb / 17P
Any 2G/3G/4G Handset Application
RMASMS535ATF03 WALSIN-RMASMS535ATF03 Datasheet
708Kb / 15P
Any 2G/3G/4G Handset Application
logo
Lumileds Lighting Compa...
L1CU-FRD1000000000 LUMILEDS-L1CU-FRD1000000000 Datasheet
2Mb / 31P
Maximum punch in any application
20210826
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com