Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM447 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM447
Description  High Precision Instrumentation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM447 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM447 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
High Precision Instrumentation Amplifier
AM447
analog microelectronics
April 2000
5/6
FUNCTIONAL DESCRIPTION
The IC AM447 is an integrated high precision amplifier for low bridge output signals. Basically the
AM447 is composed of 2 functional sections as shown in Figure 1:
1. A high accuracy instrumentation amplifier (IA) allows amplification with a high signal-to-noise
ratio. The two offset compensation resistors ROC1 and ROC2 offer the possibility to make the input
offset voltage of the instrumentation amplifier to nearly zero. But offset compensation over tem-
perature is only given if the resistors ROC1 and ROC2 have the same temperature coefficients. Fur-
thermore, these resistors have to be placed together very close. It is also necessary to use similar
metals for the connection of the sensor bridge and the AM447 to avoid thermocouple effects. The
internal gain of the IA is fixed to the value
102
=
INT
G
. The output voltage VIAOUT (pin 10) of the
IA is given by the following equation:
()
VG
V
V
V
IAOUT
INT
IN
IN
VREF
=⋅
−
+
+−
2. An output stage de–couples the IA and thus improves the performance of the AM447. The gain
factor G is fixed by the two external resistors RG1 and RG2. The gain factor of the output stage is
defined by
G
R
R
ADJ
G
G
=+
1
2
1
The output signal VOUT (pin 10) can be calculated with
()
(
)
{
rs
transduce
kalibrated
for
adjustment
Offset
adjustment
Span
VREF
IN
IN
ADJ
INT
VREF
IN
IN
OUT
V
V
V
G
G
V
V
V
G
V
+
−
⋅
=
+
−
=
−
+
−
+
4
4
4
43
4
4
4
42
1
The AM447 is suited for two types of transducers. The IC is designed for usage with non-
compensated and non-calibrated sensors using resistors R1 and R2 for offset calibration as well as
for sensor systems with calibrated transducers. The remaining offset of the transducers can be cali-
brated by variation of VVREF. The adjustment of the offset is then:
CC
O
O
O
VREF
V
R
R
R
V
2
1
2
+
=
The entire sensor systems realised with the different types of AM447 and only a few external com-
ponents are shown in Figures 2 and 3.
Offset calibration of the instrumentation amplifier
The offset compensation has to be handled with care because the entire system performance de-
pends on it. Please note, that this offset adjustment doesn't include the bridge offset.
The offset compensation has to be done in the following order:
• T =°
25 C and V
CC = 5V
• VVV
IN
IN
REF
+−
==
= 25
.V
• The voltage between VIAOUT (pin 12) and VREF (pin 6) has to be adjusted to zero Volt.
• VIAOUT is increased by increasing ROC1 and is decreased by increasing ROC2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com