Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM447 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM447
Description  High Precision Instrumentation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM447 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AM447 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High Precision Instrumentation Amplifier
AM447
analog microelectronics
April 2000
6/6
PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
OC1
OC2
IN
−
RSET
VREF
GND
VREFIN
I.C.
VCC
N.C.
IAOUT
GAIN
OUT
VSET
I.C.
IN+
Figure 4
DELIVERY
The AM447 is available in version:
• 16 pin DIL packages (samples)
• SO 16 (n) packages
• Dice on 5“ blue foil
PINOUT
PIN
NAME
DESIGNATION
1
OC1
Offset Compensation Resistor 1
2
OC2
Offset Compensation Resistor 2
3
IN–
Inverting Input (IA)
4
IN+
Non–inverting Input (IA)
5
RSET
Set Resistor
6
VREF
Reference Voltage
7
GND
Ground
8
VREFIN
Reference Voltage Input
9
VSET
Choice of Application
10
OUT
Output
11
GAIN
Gain Adjustment
12
IAOUT
Output (IA)
13
N.C.
Not Connected
14
VCC
Supply Voltage
15
I.C.
Internally Connected
16
I.C.
Internally Connected
1
16
8
0°-10°
≥ 0,3
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
1,27
≤ 2,00
10,06 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
Figure 5
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or
systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com