Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM447 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM447
Description  High Precision Instrumentation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM447 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM447 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM447 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Precision Instrumentation Amplifier
AM447
analog microelectronics
April 2000
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/6
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.1
Internet: www.analogmicro.de
E–Mail:
info@analogmicro.de
FEATURES
• Very Low Offset Voltage: < 25µV
• Low Input Bias Current: ≤≤≤≤ 5nA
• High Input Sensitivity
• High CMRR: > 90dB min
• Wide Operating Temperature Range:
–40°C...+140°C
• Adjustable Rail–to–Rail Voltage Out-
put Stage: 0.5...4.5V
• Single Supply Device (ratiometric)
• Integrated Source and Sink Capabil-
ity:
±±±±2mA
• Low Noise Behaviour
APPLICATIONS
• Small Signal (Bridge) Amplifier
Low Pressure Sensors
Automotive Applications
DMS Interface
Interface for Ceramic Sensors
• High Precision Amplifier
Medical Instrumentation
Data Acquisition
GENERAL DESCRIPTION
The AM447 is a high precision amplifier, de-
signed for amplification of sensor bridge sig-
nals up to 35mV full scale. The single supply
circuit consists of a high precision instrumen-
tation amplifier (IA) and an integrated ra-
tiometric output stage. Input offset voltages
less than ±25
µV (±1µV/°C) are adjustable by
only two externally trimmable resistors. The
monitoring of the amplified signal is possible
at the output of the IA and makes the adjust-
ment easier. With the externally adjustable
gain of the output stage, the AM447 can be
used for different signal sources. The 2mA
sink and source capability makes it ideal for
high precision applications specially in the
field of automotive sensors.
DELIVERY
• DIL16 packages (samples, small quantities)
• SO16(n) packages
• Dice on 5“ blue foil
BLOCK DIAGRAM
1k
4
AM447
IA
Output
Stage
10
11
6
7
14
12
5
8
3
OC2
OC1
IN-
IN+
VCC
OUT
GAIN
GND
IAOUT
VREF
VREFIN
RSET
12
VSET
9
V
CC
19k
Figure 1


Similar Part No. - AM447

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4470N ANALOGPOWER-AM4470N Datasheet
380Kb / 6P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4470N-T1-PF VBSEMI-AM4470N-T1-PF Datasheet
999Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Analog Power
AM4472N ANALOGPOWER-AM4472N Datasheet
358Kb / 5P
N-Channel 200-V (D-S) MOSFET
More results

Similar Description - AM447

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com