Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001MH Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC62FP3001MH
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001MH Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC62FP3001MH Datasheet HTML 7Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 8Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 9Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 10Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 11Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 12Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 13Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 14Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.2
2.4
2.6
2.8
3.0
3.2
2.5
3.0
3.5
                
Topr=25℃
IOUT=1mA
40mA
10mA
2.85
2.90
2.95
3.00
3.05
3.10
3
456789
10
IOUT=1mA
Topr=25℃
40mA
10mA
XC62FP3002 (3V)
XC62FP3002 (3V)
Input Voltage:VIN (V)
Input Voltage:VIN (V)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
1.85
1.90
1.95
2.00
2.05
2.10
2345
678
9
10
1mA,10mA
IOUT=40mA
Topr=25℃
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80 100 120 140 160 180
Topr=25℃
85℃
-40℃
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080 100 120 140 160 180
Topr=25℃
85℃
-40℃
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
120
Topr=25℃
85℃
-40℃
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
1.5
2.0
2.5
IOUT=40mA
1mA
10mA
Topr=25℃
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80 100 120 140 160 180
Topr=25℃
85℃
-40℃
XC62FP3002 (3V)
XC62FP2002 (2V)
XC62FP5002 (5V)
XC62FP4002 (4V)
XC62FP2002 (2V)
XC62FP2002 (2V)
Input Voltage:VIN (V)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Input Voltage:VIN (V)
XC62FP
Series
295
3
03S_05XC62FP 02.9.12 3:01 PM ページ 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com