Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001MH Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62FP3001MH
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001MH Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62FP3001MH Datasheet HTML 1Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 2Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 3Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 4Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 5Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 6Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 7Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 8Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Positive Voltage Regulators
Series
285
3
The XC62FP series is a group of positive voltage output, three-pin
regulators, that provide a high current even when the input/output
voltage differential is small. Low power consumption and high accuracy
is achieved through CMOS and laser trimming technologies.
The XC62FP consists of a high-precision voltage reference, an error
amplification circuit, and a current limited output driver. Transient
response to load variations have improved in comparison to the existing
series.
SOT-23 (150mW), SOT-89 (500mW) and TO-92 (300mW) packages are
available.
Maximum Output Current
: 250mA
(within max. power dissipation, VOUT = 5.0V)
Output Voltage Range
: 2.0V ~ 6.0V in 0.1V increments
(1.5V ~ 1.9V for custom products)
Highly Accurate: Output voltage ±2%
(±1% for semi-custom products)
Low Power Consumption
: Typ. 2.0
µA @ VOUT=5.0V
Output Voltage Temperature Characteristics
: Typ. ±100ppm/°C
Input Stability
: Typ. 0.2%/V
Small Input-Output Differential
:IOUT = 100mA @ VOUT = 5.0V with a
0.12V differential.
Ultra Small Packages
: SOT-23 (150mW) mini-mold,
SOT-89 (500mW) mini-power mold
TO-92 (300mW)
GBattery Powered Equipment
GPalmtops
GPortable Cameras and Video Recorders
GReference Voltage Sources
NCMOS Low Power Consumption
NSmall Input-Output Voltage Differential
: 0.12V @ 100mA,
0.38V @ 200mA
NMaximum Output Current : 250mA (VOUT=5.0V)
NOutput Voltage Range
: 2.0V~6.0V
NHighly Accurate
: ±2% (±1%)
VIN
VIN
VOUT
Vss
RL
CIN
1
µF
(Tantalum)
CL
1
µF
(Tantalum)
0
1
2
3
02
4
6
8
10
Topr=25℃
85℃
-40℃
XC62FP3002 (3V)
Input Voltage:VIN (V)
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
03S_05XC62FP 02.10.7 5:18 PM ページ 285


Similar Part No. - XC62FP3001MH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP3001MH TOREX-XC62FP3001MH Datasheet
293Kb / 16P
POSITIVE VOLTAGE REGULATORS
More results

Similar Description - XC62FP3001MH

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com