Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62FP3001MH Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC62FP3001MH
Description  Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3001MH Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC62FP3001MH Datasheet HTML 8Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 9Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 10Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 11Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 12Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 13Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 14Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 15Page - Torex Semiconductor XC62FP3001MH Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
XC62FP Series
298
3
(7) INPUT TRANSIENT RESPONSE 1
-8
-6
-4
-2
0
2
4
6
8
 Time (0.4msec/div)
0
1
2
3
4
5
6
7
8
Output Voltage
Input Voltage
-8
-6
-4
-2
0
2
4
6
8
 Time (0.4msec/div)
0
1
2
3
4
5
6
7
8
XC62FP5002 (5V)
XC62FP5002 (5V)
IOUT=1mA, CL=1
µF(tantalum)
IOUT=10mA, CL=1
µF(tantalum)
-6
-4
-2
0
2
4
6
 Time (0.4msec/div)
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2
4
6
8
 Time (0.4msec/div)
0
1
2
3
4
5
6
7
8
-8
-6
-4
-2
0
2
4
6
8
 Time (0.4msec/div)
0
1
2
3
4
5
6
7
8
-6
-4
-2
0
2
4
6
Time (0.4msec/div)
0
1
2
3
4
5
6
-6
-4
-2
0
2
4
6
 Time (0.4msec/div)
0
1
2
3
4
5
6
-6
-4
-2
0
2
4
6
 Time (0.4msec/div)
0
1
2
3
4
5
6
XC62FP4002 (4V)
XC62FP4002 (4V)
IOUT=10mA, CL=1
µF(tantalum)
IOUT=1mA, CL=1
µF(tantalum)
XC62FP3002 (3V)
XC62FP3002 (3V)
XC62FP2002 (2V)
XC62FP2002 (2V)
IOUT=10mA, CL=1
µF(tantalum)
IOUT=1mA, CL=1
µF(tantalum)
IOUT=1mA, CL=1
µF(tantalum)
IOUT=10mA, CL=1
µF(tantalum)
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
03S_05XC62FP 02.9.12 3:01 PM ページ 298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com