Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW048B Datasheet(PDF) 12 Page - STMicroelectronics

Part # M69AW048B
Description  32 Mbit (2M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW048B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M69AW048B Datasheet HTML 8Page - STMicroelectronics M69AW048B Datasheet HTML 9Page - STMicroelectronics M69AW048B Datasheet HTML 10Page - STMicroelectronics M69AW048B Datasheet HTML 11Page - STMicroelectronics M69AW048B Datasheet HTML 12Page - STMicroelectronics M69AW048B Datasheet HTML 13Page - STMicroelectronics M69AW048B Datasheet HTML 14Page - STMicroelectronics M69AW048B Datasheet HTML 15Page - STMicroelectronics M69AW048B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
M69AW048B
12/29
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 8., Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 8. Operating and AC Measurement Conditions
Note: 1. All voltages are referenced to VSS.
2. The Input Transition Time used in AC measurements is 5ns. For other input transition times, see Table 8.
Figure 5. AC Measurement I/O Waveform
Figure 6. AC Measurement Load Circuit
Parameter
M69AW048B
Unit
70
Min
Max
VCC Supply Voltage
1
2.7
3.3
V
Ambient Operating Temperature
–30
85
°C
Load Capacitance (CL)
50
pF
Output Circuit Protection Resistance (R1)
50
Ω
Input Pulse Voltages
0
VCC
V
Input and Output Timing Ref. Voltages
VCC/2
V
Output Transition Timing Ref. Voltages
VRL = 0.3VCC; VRH = 0.7VCC
V
Input Transition Time2 (t
τ) between VIL and
VIH
5ns
AI04831
VCC
I/O Timing Reference Voltage
0V
VCC/2
VCC
Output Timing Reference Voltage
0V
0.7VCC
0.3VCC
AI07222c
VCC/2
OUT
CL includes JIG capacitance
DEVICE
UNDER
TEST
CL
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com