Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW048B Datasheet(PDF) 14 Page - STMicroelectronics

Part # M69AW048B
Description  32 Mbit (2M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW048B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M69AW048B Datasheet HTML 10Page - STMicroelectronics M69AW048B Datasheet HTML 11Page - STMicroelectronics M69AW048B Datasheet HTML 12Page - STMicroelectronics M69AW048B Datasheet HTML 13Page - STMicroelectronics M69AW048B Datasheet HTML 14Page - STMicroelectronics M69AW048B Datasheet HTML 15Page - STMicroelectronics M69AW048B Datasheet HTML 16Page - STMicroelectronics M69AW048B Datasheet HTML 17Page - STMicroelectronics M69AW048B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
M69AW048B
14/29
Table 11. Read Mode AC Characteristics
Note: 1. Maximum value is applicable if E1 is kept Low without change of address input of A3 to A20. If needed by system operation, please
contact your local ST representative for relaxation of the 1000ns limitation.
2. Address should not be changed within minimum Read Cycle Time.
3. The output load 50pF with 50
Ω termination to VCC*0.5 V.
4. The output load 5pF without any other load.
5. Applicable to A3 to A20 when E1 is kept Low.
6. Applicable only to A0, A1 and A2 when E1 is kept Low for the page address access.
7. In case Page Read Cycle is continued with keeping E1 stays Low, E1 must be brought to High within 4µs. In other words, Page
Read Cycle must be closed within 4µs.
8. Applicable when at least two of address inputs among applicable are switched from previous state.
9. Minimum Read Cycle TIme and minimum Page Read Cycle Time must be satisfied.
Symbol
Alt.
Parameter
M69AW048B
Unit
Min
Max
tAVAX
(1,2)
tRC
Address Valid Time
70
1000
ns
tAVAX2
(1,6,7)
tPRC
Page Read Cycle Time
25
1000
ns
tAVEH2
(1,6,7)
tPRC
Page Read Cycle Time
25
1000
ns
tAVEL
tASC
Address Valid to Chip Enable Low
–5
ns
tAVGL
tASO
Address Valid to Output Enable Low
10
ns
tAVQV
(3,5)
tAA
Address Valid to Output Valid
70
ns
tAVQV2
(3,6)
tPAA
Page Address Access Time
18
ns
tAXAV
(5,8)
tAX
Address Invalid Time
10
ns
tAXAV2
(6,8)
tAXP
Page Address Invalid Time
10
ns
tAXQX
(3)
tOH
Data hold from address change
3
ns
tBHQX
(3)
tOH
Upper/Lower Byte Enable High to Output Transition
3
ns
tBHQZ
(4)
tBHZ
Upper/Lower Byte Enable High to Output Hi-Z
20
ns
tBLQV
(3)
tBA
Upper/Lower Byte Enable Low to Output Valid
30
ns
tBLQX
(4)
tBLZ
Upper/Lower Byte Enable Low to Output Transition
0
ns
tEHAX
(9)
tCHAH
Chip Enable High to Address Invalid
–5
ns
tEHEL
tCP
Chip Enable High to Chip Enable Low
15
ns
tEHQX
(3)
tOH
Chip Enable High to Output Transition
3
ns
tEHQZ
(4)
tCHZ
Chip Enable High to Output Hi-Z
20
ns
tELAX
(1,2)
tRC
Read Cycle Time
70
1000
ns
tELEH
(1,2)
tRC
Read Cycle Time
70
1000
ns
tELQV
(3)
tCE
Chip Enable Low to Output Valid
70
ns
tELQX
(4)
tCLZ
Chip Enable Low to Output Transition
3
ns
tGHAX
tOHAH
Output Enable High to Address Invalid
–5
ns
tGHQX
(3)
tOH
Output Data Hold Time
3
ns
tGHQZ
(4)
tOHZ
Output Enable High to Output Hi-Z
20
ns
tGLQV
(3)
tOE
Output Enable Low to Output Valid
40
ns
tGLQX
(4)
tOLZ
Output Enable Low to Output Transition
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com