Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW048B Datasheet(PDF) 24 Page - STMicroelectronics

Part # M69AW048B
Description  32 Mbit (2M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW048B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M69AW048B Datasheet HTML 20Page - STMicroelectronics M69AW048B Datasheet HTML 21Page - STMicroelectronics M69AW048B Datasheet HTML 22Page - STMicroelectronics M69AW048B Datasheet HTML 23Page - STMicroelectronics M69AW048B Datasheet HTML 24Page - STMicroelectronics M69AW048B Datasheet HTML 25Page - STMicroelectronics M69AW048B Datasheet HTML 26Page - STMicroelectronics M69AW048B Datasheet HTML 27Page - STMicroelectronics M69AW048B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
M69AW048B
24/29
Table 13. Standby/Power-Down Mode AC Characteristics
Note: 1. Applicable also to Power-up.
2. Applicable when 4Mb, 8Mb and 16Mb PAR mode is programmed
3. Some data might be written into any address location if tEHWL (min) is not satisfied.
4. The Input Transition Time (t
τ) at AC testing is 5ns as shown below. If actual tτ is longer than 5ns, it may violate AC specification of
some timing parameters.
Figure 22. Power Down Program AC Waveforms
Note: 1. E2 = High.
2. All address inputs must be High from Cycle 1 to Cycle 5.
3. PDCADD stands for Power-Down Configuration Address. It must be compliant with the format specified in Table 6 otherwise the
data programmed during the Power-Down Program sequence may be incorrect.
4. PDCDAT stands for Power-Down Configuration Data. It must be compliant with the format specified in Table 5 otherwise the data
programmed during the Power-Down Program sequence may be incorrect.
5. tEHEL after the end of Cycle 6, the Power Down Program is completed and the device returns to normal operation.
Symbol
Alt.
Parameter
M69AW048B
Unit
Min
Max
tCLEX
tCSP
E2 Low Setup Time for Power Down Entry
10
ns
tEXCH
tC2LP
E2 Low Hold Time after Power Down Entry
70
ns
tEHEV
(1)
tCHH
E1 High Hold Time following E2 High after Power-
Down Exit (Deep Power-Down Mode only)
300
µs
tCHEL
(2)
tCHHP
E1 High Hold Time following E2 High after Power-
Down Exit (not in Deep Power-Down Mode)
1µs
tEHCH
tCHS
E1 High Setup Time following E2 High after Power-
Down Exit
0µs
tEHGL
tCHOX
E1 High to G Invalid Time for Standby Entry
10
ns
tEHWL
(3)
tCHWX
E1 High to W Invalid Time for Standby Entry
10
ns
t
τ (4)
t
τ
Input Transition Time
1
25
ns
AI07225c
A0-A20
E1
W
DQ0-DQ15
MSB 2
G
MSB 2
MSB 2
MSB 2
MSB 2
PDCADD3
LB, UB
tAXAV
tAXAVL 4
tAVAX
RDa
RDa
RDa
00
PDCD4
RDb
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com