Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM205NR30 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMM205NR30
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR30 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM205NR30 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
10
Figure 6 – SMM205 Applications schematic. The accuracy of the external (U4) or internal reference sets the
accuracy of the ADOC function. Total accuracy with a ±0.1% external reference is ±0.2% and ±0.5% with the
internal reference. The 12V supply can go as low as 8V if the internal regulator is set to 3.6V.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com