Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM205NR30 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM205NR30
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR30 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM205NR30 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
4
PIN DESCRIPTIONS
Pin
Number
Pin
Type
Pin Name
Pin Description
28
DATA
SDA
I
2C Bi-directional data line.
1
CLK
SCL
I
2C clock input.
2
I
A2
4
I
A1
6
I
A0
The address pins are biased either to VDD_CAP or GND. When
communicating with the SMM205 over the 2-wire bus these pins provide a
mechanism for assigning a unique bus address.
8
I
WP#
Write Protect active low input. When asserted writes to the configuration
registers and general purpose EE are not allowed.
10
CAP
FILT_CAP
External capacitor input used to filter the VM inputs.
15, 18
CAP
TRIM_CAPx
External capacitor input used for Active Control and margining.
16, 20
O
TRIMx
Output voltage used to control and/or margin converter voltages. Connect
to the converter trim input.
14, 17
I
VMx
Voltage monitor input. Connect to the DC/DC converter positive sense line
or its +Vout pin.
9
I
VREF_CNTL
Voltage reference input used for DC output control and margining.
VREF_CNTL can be programmed to output the internal 1.25V reference
voltage. Pin should be left open if using VREF internal.
21
PWR
VDD
Power supply of the part.
7
GND
GND
Ground of the part. The SMM205 ground pin should be connected to the
ground of the device under control or to a star point ground. PCB layout
should take into consideration ground drops.
22
PWR
12VIN
12V power supply input internally regulated to either 3.6V or 5.5V. When
using the 3.6V internal regulator option the voltage input can be as low as
8V. It can be as high as 15V using the 5.5V internal regulator.
3
I
START
Programmable active high/low input. The START input is used solely for
enabling Active Control and/or margining.
5
I/O
READY
Programmable active high/low open drain output indicates that VM is at its
set point. When programmed as an active high output READY can also be
used as an input. When pulled low it will latch the state of the comparator
inputs.
23
CAP
VDD_CAP
External capacitor input used to filter the internal supply rail.
19
I
COMP1
12
I
COMP2
COMP1 and COMP2 are high impedance inputs, each connected internally
to a comparator and compared against the VREF_CNTL input. Each
comparator can be independently programmed to monitor for UV or OV.
The monitor level is set externally with a resistive voltage divider.
11
O
FAULT#
When either of the COMP1 or COMP2 inputs are in fault the open-drain
FAULT# output will be pulled low. A configuration option exists to disable
the FAULT# output while the device is margining.
13, 24-27
NC
NC
No Connect. Leave floating; do not connect anything to the NC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com