Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM205NR30 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMM205NR30
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR30 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMM205NR30 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 20Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
18
DEFAULT CONFIGURATION REGISTER SETTINGS – SMM205F-167
Register
Contents
Function
R00
01
Channel A Nominal Voltage is set to 2.503V (MSB)
R01
FF
Channel A Nominal Voltage is set to 2.503V (MSB)
R02
02
Channel B Nominal Voltage is set to 1.801V (MSB)
R03
C6
Channel B Nominal Voltage is set to 1.801V (MSB)
R04
AF
Channel A and B ADOC is enabled, Trim polarity is inverse, Fast Convergence,
VREF External, Fault Latched by a Fault Condition
R05
05
Slave address is 0101
R06
28
No Write Command Required to Activate ADOC, Internal Regulator set to 3.6V,
Fault Output Enabled While Margining, Configuration Registers Unlocked, COMP1
and COMP2 are set to sense UV
R08
00
Margin Command Bits
R0C
12
Stores VREF_CNTL value set to 1.25
R0D
50
Stores VREF_CNTL value set to 1.25
R20
01
Channel A - Margin High Voltage is set to 2.805V (MSB)
R21
C8
Channel A - Margin High Voltage is set to 2.805V (LSB)
R22
02
Channel B - Margin High Voltage is set to 2.100V (MSB)
R23
61
Channel B - Margin High Voltage is set to 2.100V (LSB)
R30
02
Channel A - Margin Low Voltage is set to 2.201V (MSB)
R31
45
Channel A - Margin Low Voltage is set to 2.201V (LSB)
R32
03
Channel B - Margin Low Voltage is set to 1.501V (MSB)
R33
54
Channel B - Margin Low Voltage is set to 1.501V (LSB)
R40
00
Margin Command Status Bits
R41
03
READY and START pin Polarities set to Active High
R42
FF
Write Protect
R44
00
Fault Status Bits
RC1
The default device ordering number — SMM205F-167 — is programmed as described
above and tested over the commercial temperature range. Application Note 41 contains a
complete description of the Windows GUI and the default settings of each of the 22
individual Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com