Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMM Datasheet(PDF) 1 Page - Recom International Power

Part # RFMM
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RFMM Datasheet(HTML) 1 Page - Recom International Power

  RFMM Datasheet HTML 1Page - Recom International Power RFMM Datasheet HTML 2Page - Recom International Power RFMM Datasheet HTML 3Page - Recom International Power RFMM Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-power.com
REV.: 0/2018
ECO-1
Features
Unregulated
Converters
• bullet points (Productmanager)
DC/DC Converter
3 YEAR
warranty
3
UL60950-1 certified
CAN/CSA-C22.2 No 60950-1 certified
EN55032 compliant
RFMM
1 Watt
SIP7
Single Output
Description
The RFMM DC/DC converter is typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite its low cost, it is a fully specified converter with
4kVDC isolation, industrial operating temperature range of -40°C to +85°C without derating and
UL/EN certifications.
Features
Unregulated
Converters
• Low cost 1W converter
• Industry standard pinout
• SIP7 package
• 4kVDC isolation
• Efficiency up to 80%
• Wide operating temperature range -40°C to +85°C
• UL60950-1, CAN/CSA C22.2 No. 60950-1 certified
Selection Guide
Part
Input
Output
Output
Efficiency (1)
Max. Capacitive
Number
Voltage
Voltage
Current
max.
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RFMM-0505S
5
5
200
80
1000
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
±10%
Input Surge Voltage
100µs
10VDC
Input Current
max. load
250mA
Quiescient Current
nom. Vin = 5VDC
25mA
30mA
Minimum Load (3)
0%
Internal Operating Frequency
50kHz
80kHz
100kHz
Output Ripple and Noise (4)
20MHz BW
40mVp-p 100mVp-p
Reflected Back Ripple Current
20MHz BW, no external choke
20mAp-p
continued on next page
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
Notes:
Note3: Operation below 10% load won‘t harm the converter, but specifications may not be met
Note4: Measurements are made with a 100nF MLCC across output (low ESR)
Model Numbering
Input Voltage
Output Voltage
RFMM-0505S
E358085
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max. Cap Load is tested at nominal input and full resistive load
Single


Similar Part No. - RFMM

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
Non-Inductive High Frequency Melf Resistors
logo
Recom International Pow...
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
RFM-0505S RECOM-RFM-0505S Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
logo
List of Unclassifed Man...
RFM-07088 ETC2-RFM-07088 Datasheet
155Kb / 4P
One Chip FM Receiver
logo
SUN HOLD ELECTRIC INC
RFM-1A-P-06-D SUNHOLD-RFM-1A-P-06-D Datasheet
1Mb / 2P
RFM SERIES
More results

Similar Description - RFMM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com