Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMM Datasheet(PDF) 2 Page - Recom International Power

Part # RFMM
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RFMM Datasheet(HTML) 2 Page - Recom International Power

  RFMM Datasheet HTML 1Page - Recom International Power RFMM Datasheet HTML 2Page - Recom International Power RFMM Datasheet HTML 3Page - Recom International Power RFMM Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-power.com
REV.: 0/2018
ECO-2
DC/DC Converter
RFMM
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
REGULATIONS
Parameter
Condition
Values
Output Accuracy
±5.0% max.
Line Regulation
low line to high line, full load
±1.2% typ. / ±1.0% max.
Load Regulation
10% to 100%
±10% typ. / ±15% max.
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
Ω
short term protection mode
Isolation Voltage (5)
I/P to O/P
tested for 1 second
4kVDC
Isolation Resistance
1G
Ω min.
Isolation Capacitance
75pF max.
Leakage Current
500VAC, 50Hz
1µA max.
Insulation Grade
Functional
Tolerance Envelope
10
50
100
+5%
+10%
+8%
-2%
-5%
Output Load [%]
Vnom
Typical
Load Line
0
Output Load [%]
0
20
20
40
40
60
60
80
80
100
100
Efficiency vs. Load
(nominal Vin= 5VDC)
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com