Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMM Datasheet(PDF) 4 Page - Recom International Power

Part # RFMM
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RFMM Datasheet(HTML) 4 Page - Recom International Power

  RFMM Datasheet HTML 1Page - Recom International Power RFMM Datasheet HTML 2Page - Recom International Power RFMM Datasheet HTML 3Page - Recom International Power RFMM Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-power.com
REV.: 0/2018
ECO-4
DC/DC Converter
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
potting
non-conductive black plastic (UL94 V-0)
epoxy (UL94 V-0)
Package Dimension (LxWxH)
19.65 x 7.05 x 10.2mm
Package Weight
2.7g typ.
Top View
1 2
5
7
Bottom View
embossed logo
2.0
6 x 2.54= 15.24
0.25
7.05
19.65
0.51
Marking
Ø1.00 +0.15
2.54
RFMM
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
520.0 x 16.5 x 9.3mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95%, RH
Dimension Drawing (mm)
Pin Connections
Pin #
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm
Pin tolerance:
Thickness: ±0.05mm
Lenght:
+0.25mm
Recommended Footprint Details
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com