Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9650 Datasheet(PDF) 2 Page - ASM GmbH

Part # 9650
Description  Clamp Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

9650 Datasheet(HTML) 2 Page - ASM GmbH

  9650 Datasheet HTML 1Page - ASM GmbH 9650 Datasheet HTML 2Page - ASM GmbH 9650 Datasheet HTML 3Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CLAMP ON SENSOR 9651 < Clamp Sensors < Products
Clamp Sensors (Current sensor -for the 3636-20 CLAMP
LOGGER, and 8205-10/8206-10 MICRO HiCORDER-)
CLAMP ON SENSOR 9651
CAT III 600 V
CLAMP LOGGER 3636-20
OVERVIEW
Clamp-on Sensors for the CLAMP LOGGER 3636-20, and MICRO HiCORDER 8205-10/8206-10
For input up to AC 500A, select our Model 9651, and for smaller currents of up to AC 100A, select Model 9650.
Both sensors are designed with a safety barrier to protect the user from being in direct contact with live
conductors and completely meet all CE marking requirements.
Basic specifications
Rated input current
500 A AC
Rated output current
500 mA AC
Accuracy (at 50/60 Hz)
Amplitude: ±1.5 % rdg. ±0.03 % f.s. , Full scale (f.s.) is the rated input current value
Frequency characteristics
40 Hz to 1 kHz (±3 % or less)
Max. allowable input
continuous 600 A rms (45 to 66 Hz)
Max. circuit voltage
600 V AC rms (insulated wire)
Core jaw dia.
Ø46 mm(1.81 in)
Dimensions, mass
77 mm(3.03 in)W × 151 mm(5.94 in)H × 42 mm(1.65 in)D, 340 g (12.0 oz), cord length: 3
m(9.84 ft)
OVERVIEW
Generated by www.PDFonFly.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com