Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9650 Datasheet(PDF) 1 Page - ASM GmbH

Part # 9650
Description  Clamp Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

9650 Datasheet(HTML) 1 Page - ASM GmbH

  9650 Datasheet HTML 1Page - ASM GmbH 9650 Datasheet HTML 2Page - ASM GmbH 9650 Datasheet HTML 3Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLAMP ON SENSOR 9650 < Clamp Sensors < Products
Clamp Sensors (Current sensor -for the 3636-20 CLAMP
LOGGER, and 8205-10/8206-10 MICRO HiCORDER-)
CLAMP ON SENSOR 9650
CAT III 300 V
CLAMP LOGGER 3636-20
OVERVIEW
Clamp-on Sensors for the CLAMP LOGGER 3636-20, and MICRO HiCORDER 8205-10/8206-10
For input up to AC 500A, select our Model 9651, and for smaller currents of up to AC 100A, select Model 9650.
Both sensors are designed with a safety barrier to protect the user from being in direct contact with live
conductors and completely meet all CE marking requirements.
Basic specifications
Rated input current
100 A AC
Rated output current
100 mA AC
Accuracy (at 50/60 Hz)
Amplitude: ±1.5 % rdg. ±0.03 % f.s. , Full scale (f.s.) is the rated input current value
Frequency characteristics
40 Hz to 1 kHz (±8 % or less)
Max. allowable input
continuous 130 A rms (45 to 66 Hz)
Max. circuit voltage
300 V AC rms (insulated wire)
Core jaw dia.
Ø15 mm(0.59 in)
Dimensions, mass
46 mm(1.81 in)W × 135 mm(5.31 in)H × 21 mm(0.83 in)D, 200 g (7.1 oz), cord length: 3
m(9.84 ft)
OVERVIEW
Generated by www.PDFonFly.com


Similar Part No. - 9650

ManufacturerPart #DatasheetDescription
logo
Heyco.
9650 HEYCO-9650 Datasheet
118Kb / 1P
LDPE Sheet Metal Plugs
logo
TE Connectivity Ltd
965052-1 TEC-965052-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9650

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
9010-50 ASM-SENSOR-9010-50 Datasheet
99Kb / 1P
Clamp Sensors
9018-50 ASM-SENSOR-9018-50 Datasheet
98Kb / 1P
Clamp Sensors
9277 ASM-SENSOR-9277 Datasheet
223Kb / 5P
Clamp Sensors
9660 ASM-SENSOR-9660 Datasheet
451Kb / 1P
Clamp Sensors
9661 ASM-SENSOR-9661 Datasheet
125Kb / 1P
Clamp Sensors
9669 ASM-SENSOR-9669 Datasheet
128Kb / 1P
Clamp Sensors
9694 ASM-SENSOR-9694 Datasheet
131Kb / 1P
Clamp Sensors
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT354571-300-24-02 TDK-CCT354571-300-24-02 Datasheet
146Kb / 2P
Clamp AC Current Sensors
CCT406393-600-36-00 TDK-CCT406393-600-36-00 Datasheet
147Kb / 2P
Clamp AC Current Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com