Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9650 Datasheet(PDF) 3 Page - ASM GmbH

Part # 9650
Description  Clamp Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

9650 Datasheet(HTML) 3 Page - ASM GmbH

  9650 Datasheet HTML 1Page - ASM GmbH 9650 Datasheet HTML 2Page - ASM GmbH 9650 Datasheet HTML 3Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CLAMP ON SENSOR 9668 < Clamp Sensors < Products
Clamp Sensors (Current sensor -for the 3636-20 CLAMP
LOGGER, and 8205-10/8206-10 MICRO HiCORDER-)
CLAMP ON SENSOR 9668
CAT III 600 V
MICRO HiCORDER
8205-10, 8206-10
OVERVIEW
Clamp-on Sensors for MICRO HiCORDER 8205-10/8206-10
For input up to AC 1000A, select our Model 9668, This sensor is designed with a safety barrier to protect the
user from being in direct contact with live conductors and completely meet all CE marking requirements.
Basic specifications
Rated input current
1000 A AC
Rated output current
1000 mA AC
Accuracy (at 45 to 66 Hz)
Amplitude: ± 3.0 % rdg. ± 0.03 % f.s. , Full scale (f.s.) is the rated input current value
Frequency characteristics
40 Hz to 1 kHz (±3 % or less)
Max. allowable input
continuous 1000 A rms (45 to 66 Hz)
Max. circuit voltage
600 V AC rms (insulated wire)
Core jaw dia.
Ø55 mm(2.17 in), 80 mm (3.15 in) × 20 mm (0.79 in) busbar
Dimensions, mass
99.5 mm(3.92 in)W × 188 mm(7.40 in)H × 42 mm(1.65 in)D, 550 g (19.4 oz), cord length:
3 m(9.84 ft)
OVERVIEW
Generated by www.PDFonFly.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com