Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08038 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08038
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08038 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC08038 Datasheet HTML 1Page - National Semiconductor (TI) ADC08038 Datasheet HTML 2Page - National Semiconductor (TI) ADC08038 Datasheet HTML 3Page - National Semiconductor (TI) ADC08038 Datasheet HTML 4Page - National Semiconductor (TI) ADC08038 Datasheet HTML 5Page - National Semiconductor (TI) ADC08038 Datasheet HTML 6Page - National Semiconductor (TI) ADC08038 Datasheet HTML 7Page - National Semiconductor (TI) ADC08038 Datasheet HTML 8Page - National Semiconductor (TI) ADC08038 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Power Dissipation at T
A = 25˚C
(Note 5)
800 mW
ESD Susceptibility (Note 6)
1500V
Soldering Information
N Package (10 sec.)
SO Package:
Vapor Phase (60 sec.)
Infrared (15 sec.) (Note 7)
235˚C
215˚C
220˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC08031BIN, ADC08031CIN,
−40˚C
≤ T
A ≤ +85˚C
ADC08032BIN, ADC08032CIN,
ADC08034BIN, ADC08034CIN,
ADC08038BIN, ADC08038CIN,
ADC08031BIWM, ADC08032BIWM,
ADC08034BIWM, ADC08038BIWM
ADC08031CIWM, ADC08032CIWM,
ADC08034CIWM, ADC08038CIWM
Supply Voltage (V
CC)
4.5 V
DC to 6.3 VDC
Electrical Characteristics
The following specifications apply for V
CC =VREF =+5 VDC, and fCLK = 1 MHz unless otherwise specified. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted Error
(Note 10)
BIN, BIWM
±1⁄2
LSB (max)
CIN, CIWM
±1
LSB (max)
Differential
8
Bits (min)
Linearity
R
REF
Reference Input Resistance
(Note 11)
3.5
k
Ω
1.3
k
Ω (min)
6.0
k
Ω (max)
V
IN
Analog Input Voltage
(Note 12)
(V
CC + 0.05)
V (max)
(GND − 0.05)
V (min)
DC Common-Mode Error
±1⁄4
LSB (max)
Power Supply Sensitivity
V
CC =5V ±5%,
±1⁄4
LSB (max)
V
REF = 4.75V
On Channel Leakage
On Channel = 5V,
0.2
µA (max)
Current (Note 13)
Off Channel = 0V
1
On Channel = 0V,
−0.2
µA (max)
Off Channel = 5V
−1
Off Channel Leakage
On Channel = 5V,
−0.2
µA (max)
Current (Note 13)
Off Channel = 0V
−1
On Channel = 0V,
0.2
µA (max)
Off Channel = 5V
1
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
CC = 5.25V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
CC = 4.75V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
1
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN =0V
−1
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
CC = 4.75V:
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
4.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
CC = 4.75V
0.4
V (max)
I
OUT = 1.6 mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com