Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08038 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08038
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08038 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC08038 Datasheet HTML 8Page - National Semiconductor (TI) ADC08038 Datasheet HTML 9Page - National Semiconductor (TI) ADC08038 Datasheet HTML 10Page - National Semiconductor (TI) ADC08038 Datasheet HTML 11Page - National Semiconductor (TI) ADC08038 Datasheet HTML 12Page - National Semiconductor (TI) ADC08038 Datasheet HTML 13Page - National Semiconductor (TI) ADC08038 Datasheet HTML 14Page - National Semiconductor (TI) ADC08038 Datasheet HTML 15Page - National Semiconductor (TI) ADC08038 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Functional Description (Continued)
TABLE 4. MUX Addressing: ADC08034
Single-Ended MUX Mode
MUX Address
Channel #
START
SGL/
ODD/
SELECT
0123
DIF
SIGN
1
11
0
0
+
11
0
1
+
11
1
0
+
11
1
1
+
COM is internally tied to AGND
MUX Addressing:
ADC08032
Single-Ended MUX Mode
MUX Address
Channel #
START
SGL/
ODD/
0
1
DIF
SIGN
11
0
+
11
1
+
COM is internally tied to AGND
Differential MUX Mode
MUX Address
Channel #
START
SGL/
ODD/
SELECT
0123
DIF
SIGN
1
10
0
0
+
−
10
0
1
+
−
10
1
0
−
+
10
1
1
−
+
Differential MUX Mode
MUX Address
Channel #
START
SGL/
ODD/
0
1
DIF
SIGN
10
0
+
−
10
1
−
+
Since the input configuration is under software control, it can
be modified as required before each conversion. A channel
can be treated as a single-ended, ground referenced input
for one conversion; then it can be reconfigured as part of a
differential channel for another conversion.
Figure 1 illus-
trates the input flexibility which can be achieved.
The analog input voltages for each channel can range from
50mV below ground to 50mV above V
CC (typically 5V) with-
out degrading conversion accuracy.
2.0 THE DIGITAL INTERFACE
A most important characteristic of these converters is their
serial data link with the controlling processor. Using a serial
communication format offers two very significant system im-
provements; it allows many functions to be included in a
small package and it can eliminate the transmission of low
level analog signals by locating the converter right at the
analog sensor; transmitting highly noise immune digital data
back to the host processor.
To understand the operation of these converters it is best to
refer to the Timing Diagrams and Functional Block Diagram
and to follow a complete conversion sequence. For clarity a
separate timing diagram is shown for each device.
1.
A conversion is initiated by pulling the CS (chip select)
line low. This line must be held low for the entire conver-
sion. The converter is now waiting for a start bit and its
MUX assignment word.
2.
On each rising edge of the clock the status of the data in
(DI) line is clocked into the MUX address shift register.
The start bit is the first logic “1” that appears on this line
(all leading zeros are ignored). Following the start bit the
converter expects the next 2 to 4 bits to be the MUX as-
signment word.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com