Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08038 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08038
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08038 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08038 Datasheet HTML 1Page - National Semiconductor (TI) ADC08038 Datasheet HTML 2Page - National Semiconductor (TI) ADC08038 Datasheet HTML 3Page - National Semiconductor (TI) ADC08038 Datasheet HTML 4Page - National Semiconductor (TI) ADC08038 Datasheet HTML 5Page - National Semiconductor (TI) ADC08038 Datasheet HTML 6Page - National Semiconductor (TI) ADC08038 Datasheet HTML 7Page - National Semiconductor (TI) ADC08038 Datasheet HTML 8Page - National Semiconductor (TI) ADC08038 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics (Continued)
vices, TJMAX = 125˚C. The typical thermal resistances (θJA) of these parts when board mounted follow: ADC08031 and ADC08032 with BIN and CIN suffixes
120˚C/W, ADC08038 with CIN suffix 80˚C/W. ADC08031 with CIWM suffix 140˚C/W, ADC08032 140˚C/W, ADC08034 140˚C/W, ADC08038 with CIWM suffix 91˚C/W.
Note 6: Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 7: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or Linear Data Book section “Surface Mount” for other methods of soldering
surface mount devices.
Note 8: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
Note 9: Guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Total unadjusted error includes offset, full-scale, linearity, multiplexer.
Note 11: Cannot be tested for the ADC08032.
Note 12: For VIN(−) ≥ VIN(+) the digital code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Block Diagram) which will forward-conduct for
analog input voltages one diode drop below ground or one diode drop greater than VCC supply. During testing at low VCC levels (e.g., 4.5V), high level analog inputs
(e.g., 5V) can cause an input diode to conduct, especially at elevated temperatures, which will cause errors for analog inputs near full-scale. The spec allows 50 mV
forward bias of either diode; this means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. Ex-
ceeding this range on an unselected channel will corrupt the reading of a selected channel. Achievement of an absolute 0 VDC to5VDC input voltage range will there-
fore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and loading.
Note 13: Channel leakage current is measured after a single-ended channel is selected and the clock is turned off. For off channel leakage current the following two
cases are considered: one, with the selected channel tied high (5 VDC) and the remaining seven off channels tied low (0 VDC), total current flow through the off chan-
nels is measured; two, with the selected channel tied low and the off channels tied high, total current flow through the off channels is again measured. The two cases
considered for determining on channel leakage current are the same except total current flow through the selected channel is measured.
Note 14: A 40% to 60% duty cycle range insures proper operation at all clock frequencies. In the case that an available clock has a duty cycle outside of these limits
the minimum time the clock is high or low must be at least 450 ns. The maximum time the clock can be high or low is 100 µs.
Note 15: Since data, MSB first, is the output of the comparator used in the successive approximation loop, an additional delay is built in (see Block Diagram) to allow
for comparator response time.
Note 16: For the ADC08032 VREFIN is internally tied to VCC, therefore, for the ADC08032 reference current is included in the supply current.
Typical Performance Characteristics
Linearity Error vs
Reference Voltage
DS010555-32
Linearity Error vs
Temperature
DS010555-33
Linearity Error vs
Clock Frequency
DS010555-34
Power Supply Current vs
Temperature (ADC08038,
ADC08034, ADC08031)
DS010555-35
Note: For ADC08032 add IREF
Output Current vs
Temperature
DS010555-36
Power Supply Current
vs Clock Frequency
DS010555-37
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com