Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT6517 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT6517
Description  350V NPN HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT6517 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT6517 Datasheet HTML 1Page - Diodes Incorporated FMMT6517 Datasheet HTML 2Page - Diodes Incorporated FMMT6517 Datasheet HTML 3Page - Diodes Incorporated FMMT6517 Datasheet HTML 4Page - Diodes Incorporated FMMT6517 Datasheet HTML 5Page - Diodes Incorporated FMMT6517 Datasheet HTML 6Page - Diodes Incorporated FMMT6517 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT6517
Datasheet Number: DS33122 Rev.4 - 2
1 of 7
www.diodes.com
February 2017
© Diodes Incorporated
FMMT6517
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Features
BVCEO > 350V
IC = 500mA High Collector Current
350mW Power Dissipation
hFE of 15 @ IC=100mA
Complementary Part Number: FMMT6520
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded
Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMT6517TA
AEC-Q
517
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
517 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
517
SOT23
C
E
B


Similar Part No. - FMMT6517

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT6517 ZETEX-FMMT6517 Datasheet
48Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
logo
List of Unclassifed Man...
FMMT6517 ETC2-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6517TA ETC2-FMMT6517TA Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results

Similar Description - FMMT6517

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
BST39 DIODES-BST39_15 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 5
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC6517 SECOS-2SC6517 Datasheet
376Kb / 4P
0.5A , 350V NPN Plastic Encapsulated Transistor
logo
Bel Fuse Inc.
0684L40A BEL-0684L40A Datasheet
1Mb / 4P
350V AC Voltage Rating
logo
Diodes Incorporated
BST39 DIODES-BST39 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
July 2014 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com