Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC375LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC375LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC375LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC375LP3 Datasheet HTML 1Page - Analog Devices HMC375LP3 Datasheet HTML 2Page - Analog Devices HMC375LP3 Datasheet HTML 3Page - Analog Devices HMC375LP3 Datasheet HTML 4Page - Analog Devices HMC375LP3 Datasheet HTML 5Page - Analog Devices HMC375LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 74
HMC375LP3 / 375LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 1.7 - 2.2 GHz
v03.0610
General Description
Features
Functional Diagram
The HMC375LP3 & HMC375LP3E high dynamic
range GaAs PHEMT MMIC Low Noise Amplifiers are
ideal for GSM & CDMA cellular basestation front-end
receivers operating between 1.7 and 2.2 GHz. This
LNA has been optimized to provide 0.9 dB noise
figure, 17 dB gain and +33 dBm output IP3 from
a single supply of +5V @ 136mA. Input and output
return losses are 14 dB typical with the LNA requiring
minimal external components to optimize the RF input
match, RF ground and DC bias. For applications
which require improved noise figure, please see the
HMC618LP3(E).
Noise Figure: 0.9 dB
Output IP3: +34 dBm
Gain: 17 dB
Very Stable Gain vs. Supply & Temperature
Single Supply: +5V @ 136 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vs = +5V
Typical Applications
The HMC375LP3 / HMC375LP3E is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• DECT
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.8 - 1.9
1.9 - 2.0
2.0 - 2.1
2.1 - 2.2
GHz
Gain
16.5
18.5
15.5
17.5
15
17
13
15
dB
Gain Variation Over Temperature
0.014
0.021
0.014
0.021
0.014
0.021
0.014
0.021
dB/°C
Noise Figure
1.0
1.35
0.95
1.2
0.9
1.2
0.9
1.3
dB
Input Return Loss
12
13
14
15
dB
Output Return Loss
13
16
11
8
dB
Reverse Isolation
35
34
34
34
dB
Output Power for
1dB Compression (P1dB)
16
18.5
16
18.5
15
18
14.5
17.5
dBm
Saturated Output Power (Psat)
19.5
19.5
19.5
19.5
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone,
1 MHz tone spacing)
34
33.5
33
32.5
dBm
Supply Current (Idd)
136
136
136
136
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC375LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
218Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
311Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3E HITTITE-HMC375LP3E Datasheet
218Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC375LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com