Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEW3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANEW3
Description  3 Watt DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANEW3 Datasheet HTML 1Page - Wall Industries,Inc. LANEW3 Datasheet HTML 2Page - Wall Industries,Inc. LANEW3 Datasheet HTML 3Page - Wall Industries,Inc. LANEW3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 Series
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. F
FEATURES
● Low Ripple & Noise
● 1600VDC I/O Isolation
● External ON/OFF Control
● High Efficiency up to 85%
● RoHS Directive Compliant
● 2:1 Wide Input Voltage Range
● UL94-V0 Case Potting Materials
● Continuous Short Circuit Protection
● SIP Package: 0.86 x 0.36 x 0.44 Inches
● ISO9001 Certified Manufacturing Facilities
● No External Input or Output Capacitor Needed
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● 3000VDC I/O Isolation Available (See LANEW3 “H” series)
● CE Mark Meets 2006/95/EC, 93/68/EEC and 2004/108/EC
SPECIFICATIONS: LANEW3 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9 VDC
9 – 18 VDC
18 – 36 VDC
36 – 75 VDC
Input Current
See Table
Input Filter
Capacitor Type
Input Surge Voltage (100ms max)
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15 VDC
36 VDC
50 VDC
100 VDC
Input Reflected Ripple Current
5V nominal input
12V nominal input
24V nominal input
48V nominal input
400mAp-p
150mAp-p
380mAp-p
170mAp-p
Start Up Time
(Nominal Vin and constant resistive Load)
Power Up
Remote ON/OFF
30ms typ
30ms typ
Remote ON/OFF
DC-DC ON
DC-DC OFF
Remote OFF Input Current (nominal input)
Open or high impedance
Control pin applied current
2 ~ 4mA max (via 1KΩ)
2.5mA max
Application Circuit
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load and nominal Vin
±1%
Line Regulation
Low line to high line at full load
±0.2%
Load Regulation
Single Output (no load to full load)
5% load to 100% load
Dual Output (no load to full load)
±1%
±0.5%
±1%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
±5%
Minimum Load
0%
Output Power
3 Watts max.
Ripple & Noise (See Note 4)
20MHz bandwidth
50mVp-p
Transient Response Recovery Time
25% load step change
500μs typ.
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
APPLICATIONS
● Telecom/Datacom
● Wireless Networks
● Industry Control Systems
● Measurement Equipment
● Semiconductor Equipment
DESCRIPTION
The LANEW3 Series offers 3 watts of output power from a 0.86 x 0.36 x
0.44 inch package without derating up to 71ºC. The LANEW3 Series
has a 2:1 wide input voltage range of 4.5-9, 9-18, 18-36 and 36-75VDC,
it features 1600VDC I/O isolation, remote on/off, and short-circuit
protection. All models are ideally suited for telecommunications, mobile
telecom, test equipment, and industrial applications. For 3000VDC I/O
isolation see the LANEW3 “H” Series.


Similar Part No. - LANEW3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW3H WALL-LANEW3H Datasheet
168Kb / 4P
Low Ripple & Noise
More results

Similar Description - LANEW3

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com