Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEW3 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEW3
Description  3 Watt DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW3 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEW3 Datasheet HTML 1Page - Wall Industries,Inc. LANEW3 Datasheet HTML 2Page - Wall Industries,Inc. LANEW3 Datasheet HTML 3Page - Wall Industries,Inc. LANEW3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 Series
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. F
SPECIFICATIONS (CONTINUED)
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full load to minimum load
100KHz, min.
Isolation Voltage (input to output)
LANEW3 Series
Lanew3 H Series (“H” suffix)
1600VDC, min.
3000VDC, min
Isolation Resistance
10GΩ min.
Isolation Capacitance
LANEW3 Series
Lanew3 H Series (“H” suffix)
200pF max.
30pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40°C ~ +71°C (without derating)
+71°C ~+100°C (with derating)
Storage Temperature
-55°C to +105°C
Relative Humidity
5% to 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Temperature Coefficient
±0.02% / °C max.
MTBF (see Note 1)
Bellcore TR-NWT-000332
MIL-HDBK-217F
4,386,000 Hours
2,401,000 Hours
PHYSICAL SPECIFICATIONS
Weight
4.8 grams (0.17oz)
Dimensions
0.86(L) x 0.36(W) x 0.44(H) inches
21.8(L) x 9.1(W) x 11.1(H) mm
Case Material
Non-conductive black plastic
Base Material
None
Potting Material
Silicon (UL94-V0)
SAFETY & EMC
Safety Standards and Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 6)
EN55022
Class A
ESD
EN61000-4-2
Air ± 8KV
Contact ± 6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast Transient (See Note 7)
EN61000-4-4
± 2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5
± 1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s.
Perf. Criteria A
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com