Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LANEW3 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANEW3
Description  3 Watt DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW3 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANEW3 Datasheet HTML 1Page - Wall Industries,Inc. LANEW3 Datasheet HTML 2Page - Wall Industries,Inc. LANEW3 Datasheet HTML 3Page - Wall Industries,Inc. LANEW3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 Series
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. F
NOTES
1. BELLCORE TR-NWT-000332. Case: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @ Ta = 25°C, Full Load (Ground fixed and controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The LANEW3 series meets EN55022 Class A with an external L-C filter before the input pins on the converter.
(Connect networks according to the Class B figure)
Recommended: 05Vin: C1 = 2.2
μF/10V 001206MLCC L1 = 3.3μF 0504 SMD Inductor P/N: PMT-044
12Vin: C1 = 0.68μF/25V 01206MLCC L1 = 10μF 0504 -SMD Inductor P/N: PMT-047
24Vin: C1 = 4.7μF/50V 001210MLCC L1 = 10μF 0504 -SMD Inductor P/N: PMT-047
48Vin: C1 = 0.47μF/100V 1812MLCC L1 = 56μF 0504 -SMD Inductor P/N: PMT-045
7. The external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor
suggested is Nippon chemi-
con KY series, 220μF/100V, ESR 48mΩ.
8. For 3000VDC input/output isolation see the LANEW3 “H” Series.
*Due to advances in technology, specifications are subject to change without notice.
Model Number
Input Range
Output
Voltage
Output
Current
Input Current
Efficiency (4)
Capacitor (5)
Load max
No load (3)
Full load (2)
LANEW533R3
5 VDC
(4.5 – 9 VDC)
3.3 VDC
700mA
113mA
670mA
73%
1760uF
LANEW505R3
5 VDC
600mA
75mA
822mA
77%
1000uF
LANEW509R3
9 VDC
333mA
83mA
811mA
78%
470uF
LANEW512R3
12 VDC
250mA
83mA
800mA
79%
170uF
LANEW515R3
15 VDC
200mA
53mA
790mA
80%
110uF
LANEW505RD3
±5 VDC
±300mA
45mA
822mA
77%
±470uF
LANEW512RD3
±12 VDC
±125mA
135mA
800mA
79%
±100uF
LANEW515RD3
±15 VDC
±100mA
120mA
790mA
80%
±47uF
LANEW1233R3
12 VDC
(9 – 18 VDC)
3.3 VDC
700mA
45mA
275mA
74%
1760uF
LANEW1205R3
5 VDC
600mA
45mA
338mA
78%
1000uF
LANEW1209R3
9 VDC
333mA
45mA
333mA
79%
470uF
LANEW1212R3
12 VDC
250mA
45mA
329mA
80%
170uF
LANEW1215R3
15 VDC
200mA
53mA
325mA
81%
110uF
LANEW1205RD3
±5 VDC
±300mA
75mA
329mA
80%
±470uF
LANEW1212RD3
±12 VDC
±125mA
60mA
325mA
81%
±100uF
LANEW1215RD3
±15 VDC
±100mA
60mA
325mA
81%
±47uF
LANEW2433R3
24 VDC
(18 – 36 VDC)
3.3 VDC
700mA
23mA
138mA
74%
1760uF
LANEW2405R3
5 VDC
600mA
10mA
169mA
78%
1000uF
LANEW2409R3
9 VDC
333mA
23mA
167mA
79%
470uF
LANEW2412R3
12 VDC
250mA
26mA
164mA
80%
170uF
LANEW2415R3
15 VDC
200mA
20mA
162mA
81%
110uF
LANEW2405RD3
±5 VDC
±300mA
20mA
164mA
80%
±470uF
LANEW2412RD3
±12 VDC
±125mA
24mA
162mA
81%
±100uF
LANEW2415RD3
±15 VDC
±100mA
24mA
162mA
81%
±47uF
LANEW4833R3
48 VDC
(36 – 75 VDC)
3.3 VDC
700mA
11mA
69mA
74%
1760uF
LANEW4805R3
5 VDC
600mA
12mA
84mA
78%
1000uF
LANEW4809R3
9 VDC
333mA
8mA
83mA
79%
470uF
LANEW4812R3
12 VDC
250mA
8mA
82mA
80%
170uF
LANEW4815R3
15 VDC
200mA
18mA
81mA
81%
110uF
LANEW4805RD3
±5 VDC
±300mA
12mA
82mA
80%
±470uF
LANEW4812RD3
±12 VDC
±125mA
12mA
81mA
81%
±100uF
LANEW4815RD3
±15 VDC
±100mA
15mA
81mA
81%
±47uF
OUTPUT VOLTAGE / CURRENT RATING CHART



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com