Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRY8SF Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRY8SF
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 1 Page - OSRAM GmbH

  LRY8SF Datasheet HTML 1Page - OSRAM GmbH LRY8SF Datasheet HTML 2Page - OSRAM GmbH LRY8SF Datasheet HTML 3Page - OSRAM GmbH LRY8SF Datasheet HTML 4Page - OSRAM GmbH LRY8SF Datasheet HTML 5Page - OSRAM GmbH LRY8SF Datasheet HTML 6Page - OSRAM GmbH LRY8SF Datasheet HTML 7Page - OSRAM GmbH LRY8SF Datasheet HTML 8Page - OSRAM GmbH LRY8SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LR Y8SF
1 Version 1.3 | 2018-02-12
Produktdatenblatt | Version 1.1
www.osram-os.com
LR Y8SF
Micro SIDELED® 3010
Micro SIDELED is a SMT LED with side emission.
Due to its low package height it is ideal for applica-
tions in limited space environments.
Applications
—
Electronic Equipment
—
White Goods
Features:
—
Package: white SMT package, colorless clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 625 nm (● red)
—
Optical efficacy: 53 lm/W
—
Corrosion Robustness Class: 1B


Similar Part No. - LRY8SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
More results

Similar Description - LRY8SF

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
Electronic Equipment
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
Electronic Equipment
LOR976 OSRAM-LOR976_18 Datasheet
1Mb / 20P
Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
Electronic Equipment
KREGLP41.22 OSRAM-KREGLP41.22 Datasheet
1Mb / 19P
Electronic Equipment
SFH4059R OSRAM-SFH4059R Datasheet
912Kb / 17P
Electronic Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com