Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRY8SF Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRY8SF
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRY8SF Datasheet HTML 7Page - OSRAM GmbH LRY8SF Datasheet HTML 8Page - OSRAM GmbH LRY8SF Datasheet HTML 9Page - OSRAM GmbH LRY8SF Datasheet HTML 10Page - OSRAM GmbH LRY8SF Datasheet HTML 11Page - OSRAM GmbH LRY8SF Datasheet HTML 12Page - OSRAM GmbH LRY8SF Datasheet HTML 13Page - OSRAM GmbH LRY8SF Datasheet HTML 14Page - OSRAM GmbH LRY8SF Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LR Y8SF
11 Version 1.3 | 2018-02-12
Dimensional Drawing 9)
GPLY6058
0 ... 0.1 (0 ... 0.004)
0.7 (0.028)
0.5 (0.020)
1.0 (0.039)
1.2 (0.047)
Cathode
1.3 (0.051)
1.1 (0.043)
(0.4 (0.016))
(0.6 (0.024))
0.25 (0.010)
0.20 (0.008)
Light emitting area
typ. 1.7 × 0.7
A
C
Approximate Weight:
6.0 mg
Corrosion test:
Class: 1B
Test condition: 25°C / 75 % RH / 200ppb SO
2, 200ppb NO2, 10ppb H2S,
10ppb Cl
2
/ 21 days (EN 60068-2-60 (Method 4))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com