Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRY8SF Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LRY8SF
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LRY8SF Datasheet HTML 12Page - OSRAM GmbH LRY8SF Datasheet HTML 13Page - OSRAM GmbH LRY8SF Datasheet HTML 14Page - OSRAM GmbH LRY8SF Datasheet HTML 15Page - OSRAM GmbH LRY8SF Datasheet HTML 16Page - OSRAM GmbH LRY8SF Datasheet HTML 17Page - OSRAM GmbH LRY8SF Datasheet HTML 18Page - OSRAM GmbH LRY8SF Datasheet HTML 19Page - OSRAM GmbH LRY8SF Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LR Y8SF
16 Version 1.3 | 2018-02-12
Barcode-Product-Label (BPL)
Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card according JEDEC-STD-033.
Dry Packing Process and Materials 9)
OHA00539
OS
RA
M
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
oi
st
ur
e
Le
ve
l 3
F
lo
or
tim
e
16
8
H
ou
rs
M
oi
st
ur
e
Le
ve
l 6
F
lo
or
tim
e
6
H
ou
rs
a)
H
um
id
ity
In
di
ca
to
r
C
ar
d
is
>
10
%
w
he
n
re
ad
at
23
˚C
±
5
˚C
, o
r
re
flo
w
, v
ap
or
-p
ha
se
re
flo
w
, o
r
eq
ui
va
le
nt
pr
oc
es
si
ng
(p
ea
k
pa
ck
ag
e
2.
A
fte
r
th
is
ba
g
is
op
en
ed
, d
ev
ic
es
th
at
w
ill
be
su
bj
ec
te
d
to
in
fr
ar
ed
1.
S
he
lf
lif
e
in
se
al
ed
ba
g:
24
m
on
th
s
at
<
40
˚C
an
d
<
90
%
re
la
tiv
e
hu
m
id
ity
(R
H
).
M
oi
st
ur
e
Le
ve
l 5
a
at
fa
ct
or
y
co
nd
iti
on
s
of
(if
bl
an
k,
se
al
da
te
is
id
en
tic
al
w
ith
da
te
co
de
).
a)
M
ou
nt
ed
w
ith
in
b)
S
to
re
d
at
bo
dy
te
m
p.
3.
D
ev
ic
es
re
qu
ire
ba
ki
ng
, b
ef
or
e
m
ou
nt
in
g,
if:
B
ag
se
al
da
te
M
oi
st
ur
e
Le
ve
l 1
M
oi
st
ur
e
Le
ve
l 2
M
oi
st
ur
e
Le
ve
l 2
a
4.
If
ba
ki
ng
is
re
qu
ire
d,
b)
2a
or
2b
is
no
t m
et
.
D
at
e
an
d
tim
e
op
en
ed
:
re
fe
re
nc
e
IP
C
/J
E
D
E
C
J-
S
T
D
-0
33
fo
r
ba
ke
pr
oc
ed
ur
e.
F
lo
or
tim
e
se
e
be
lo
w
If
bla
nk
, s
ee
ba
r
co
de
la
be
l
F
lo
or
tim
e
>
1
Y
ea
r
F
lo
or
tim
e
1
Y
ea
r
F
lo
or
tim
e
4
W
ee
ks
10
%
R
H
.
_
<
M
oi
st
ur
e
Le
ve
l 4
M
oi
st
ur
e
Le
ve
l 5
˚C
).
O
PT
O
SE
M
IC
O
ND
UC
TO
RS
M
O
IS
TU
RE
SE
NS
IT
IV
E
Th
is
ba
g
co
nt
ai
ns
CA
UT
IO
N
F
lo
or
tim
e
72
H
ou
rs
F
lo
or
tim
e
48
H
ou
rs
F
lo
or
tim
e
24
H
ou
rs
30
˚C
/6
0%
R
H
.
_
<
L
E
V
E
L
If
bl
an
k,
se
e
ba
r
co
de
la
be
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com