Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBAQ6WM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEBAQ6WM
Description  OSRAM OSTAR Projection Compact
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBAQ6WM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEBAQ6WM Datasheet HTML 4Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 5Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 6Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 7Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 8Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 9Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 10Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 11Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Discontinued
LE BA Q6WM
2017-09-15
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
IF = f (VF); TJ = 25°C; blue
Relative Strahlungsleistung
2) Seite 18
Relative Radiant Power
2) page 18
Φ
E/ΦE(350 mA) = f(IF); TJ = 25 °C; blue
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
IF = f (VF); TJ = 25°C; amber
Relativer Lichtstrom
2) Seite 18
Relative Luminous Flux
2) page 18
Φ
V/ΦV(350 mA) = f(IF); TJ = 25 °C; amber
LE B Q9WM
2.8
3.0
3.2
3.4
3.6
3.8
4.0
UF [V]
200
400
600
800
1000
IF [mA]
LE B Q9WM
IF [mA]
0.0
0.5
1.0
1.5
2.0
2.5
ΦE
ΦE(350 mA )
LE A Q9WM
1.8
2.0
2.2
2.4
2.6
2.8
3.0
UF [V]
200
400
600
800
1000
IF [mA]
LE A Q9WM
IF [mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ΦV
ΦV(350 mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com