Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBAQ6WM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEBAQ6WM
Description  OSRAM OSTAR Projection Compact
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBAQ6WM Datasheet(HTML) 4 Page - OSRAM GmbH

  LEBAQ6WM Datasheet HTML 1Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 2Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 3Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 4Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 5Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 6Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 7Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 8Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2017-09-15
4
Discontinued
LE BA Q6WM
Kennwerte
Characteristics
(
T
S = 25°C; IF = 350 mA)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
blue
amber
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
λ
peak
455
624
nm
Dominantwellenlänge
3) Seite 18
(min.)
Dominant wavelength
3) page 18
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
454
460
466
610
617
622
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
Spectral bandwidth at 50 %
Φ
rel max
(typ.)
∆λ
19
18
nm
Abstrahlwinkel bei 50 %
Ι
Vrel (amber); ΙErel (blue)
(typ.)
Viewing angle at 50 %
Ι
Vrel (amber); ΙErel (blue)
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 18
(min.)
Forward voltage per chip
4) page 18
(typ.)
(max.)
V
F
V
F
V
F
2.7
3.4
3.7
2.0
2.2
2.7
V
V
V
Sperrstrom
(max.)
Reverse current
I
R
not designed for reverse
operation
µA
Abstrahlende Fläche pro Chip
(typ.)
Radiating Surface per Chip
A
Color
1.40 x 0.65
mm²
Partieller Lichtfluss
Partial flux acc. CIE 127:2007
(typ.)
(Φ
E/V 120° = x * ΦE/V, 180°)
Φ
E/V, 120°
0.82
Thermal resistance junction / solderpad
(typ.)
Wärmewiderstand Sperrschicht / solderpad (max.)
R
th JS real
R
th JS real
18 (1 Chip on)
21 (1 Chip on)
K/W
K/W
Thermal resistance junction / solderpad
(typ.)
Wärmewiderstand Sperrschicht / solderpad (max.)
(typ.)
(max.)
with efficiency n
LED = 30 % (blue); 15 % (amber)
R
th JS el
R
th JS el
R
th JS el
R
th JS el
15 (1 Chip on; amber)
18 (1 Chip on; amber)
13 (1 Chip on; blue)
15 (1 Chip on; blue)
K/W
K/W
K/W
K/W
Rth max based on statsistic values (6 Sigma)
Rth max basiert auf statistischen Werten (6 Sigma)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com