Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBAQ6WM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEBAQ6WM
Description  OSRAM OSTAR Projection Compact
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBAQ6WM Datasheet(HTML) 1 Page - OSRAM GmbH

  LEBAQ6WM Datasheet HTML 1Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 2Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 3Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 4Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 5Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 6Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 7Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 8Page - OSRAM GmbH LEBAQ6WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LE BA Q6WM
2017-09-15
1
OSRAM OSTAR Projection Compact
Datasheet
Discontinued
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN; InGaAlP
• Color: blue (460 nm); amber (617 nm)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°
Applications
• Projection; embedded or companion projectors
for mobile devices (e.g. mobile phones, laptop,
digital cameras, MP3 players)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN; InGaAlP
• Farbe: blue (460 nm); amber (617 nm)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°
Anwendungen
• Projektion; integrierte oder eigenständige
Projektoren für mobile Geräte (z.B. in
Mobiltelefone, Laptop, Digitalkameras,
MP3-Player)


Similar Part No. - LEBAQ6WM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEBAA LITTELFUSE-LEBAA Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
2025
LEBAAS LITTELFUSE-LEBAAS Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
2025
LEBAB LITTELFUSE-LEBAB Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
2025
LEBAYCS LITTELFUSE-LEBAYCS Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
2025
More results

Similar Description - LEBAQ6WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
OSRAM OSTAR Projection Compact
LERQ8WP OSRAM-LERQ8WP Datasheet
860Kb / 23P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com