Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370P Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS370P
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370P Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS370P Datasheet HTML 4Page - Microchip Technology HCS370P Datasheet HTML 5Page - Microchip Technology HCS370P Datasheet HTML 6Page - Microchip Technology HCS370P Datasheet HTML 7Page - Microchip Technology HCS370P Datasheet HTML 8Page - Microchip Technology HCS370P Datasheet HTML 9Page - Microchip Technology HCS370P Datasheet HTML 10Page - Microchip Technology HCS370P Datasheet HTML 11Page - Microchip Technology HCS370P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
HCS370
DS41111D-page 8
Preliminary
2002 Microchip Technology Inc.
3.0
EEPROM ORGANIZATION
A summary of the HCS370 EEPROM organization is
shown in the three tables below. The address column
shows the starting address of the option, and its length
or bit position. Options larger than 8 bits are stored
with the Most Significant bits at the given address.
Enough consecutive 8-bit blocks are reserved for the
entire option size. Options such as SEED1, which
have a length that is not an exact multiple of 8 bits, is
stored right justified in the reserved space. Additional
smaller options such as SDBT1 may be stored in the
same address as the Most Significant bits.
TABLE 3-1:
ENCODER1 OPTIONS (SHIFT = 0)
Symbol
Address
16:Bits
Description(1)
Reference
Section
KEY1
1E: 64 bits
Encoder Key
3.2.2
SEED1
14: 60 bits
Encoder Seed Value
3.3
SYNC1
00: 20 bits
00: 18 bits
Encoder Synchronization Counter (CNTSEL=1)
Encoder Synchronization Counter (CNTSEL=0) plus overflow
3.2, 3.2.1
SER1
10: 32 bits
Encoder Serial Number
3.2.2
DISC1
1C: 10 bits
Encoder Discrimination value
3.2, 3.2.1
MSEL1
1C: ---- 32--
Transmission Modulation Format
Value
2
Format
4.1
00
PWM
01
Manchester
10
VPWM
11
PPM
HSEL1
1C: ---4 ----
Header Select
4
TE = 0
10
TE = 1
4.1
XSER1
1C: --5- ----
Extended Serial Number
28 bits = 0
32 bits = 1
3.2
QUEN1
1C: -6-- ----
Queue counter Enable
Disable = 0
Enable = 1
5.6
STEN1
1C: 7--- ----
START/STOP Pulse Enable
Disable = 0
Enable = 1
4.1
LEDBL1
3F: -6-- ----
Low Voltage LED Blink
Never = 0
Once = 1
5.3
LEDOS1
3F: 7--- ----
LED On Time Select(1)
50 ms = 0
100 ms = 1
5.3
SDLM1
3C: ---- ---0
Limited Seed
Disable = 0
Enable = 1
3.3
SDMD1
3C: ---- --1-
Seed Mode
User = 0
Production = 1
3.3
SDBT1
14: 7654 ----
Seed Button Code
3.3
SDTM1
3C: ---- 32--
Time Before Seed Code Word(1)
Value
2
Time (s)
3.3
00
0.0
01
0.8
10
1.6
11
3.2
BSEL1
3C: --54 ----
Transmission Baud Rate Select(1)
Value
2
TE (
µs)
4.1
00
100
01
200
10
400
11
800
GSEL1
3C: 76-- ----
Guard Time Select(1)
Value
2
Time (ms)
4.1, 5.2
00
2 TE
01
6.4
10
51.2
11
102.4
Note 1:
All Timing values vary ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com