Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370P Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS370P
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370P Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS370P Datasheet HTML 12Page - Microchip Technology HCS370P Datasheet HTML 13Page - Microchip Technology HCS370P Datasheet HTML 14Page - Microchip Technology HCS370P Datasheet HTML 15Page - Microchip Technology HCS370P Datasheet HTML 16Page - Microchip Technology HCS370P Datasheet HTML 17Page - Microchip Technology HCS370P Datasheet HTML 18Page - Microchip Technology HCS370P Datasheet HTML 19Page - Microchip Technology HCS370P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
HCS370
DS41111D-page 16
Preliminary
2002 Microchip Technology Inc.
5.0
SPECIAL FEATURES
5.1
Internal RC Oscillator
The HCS370 has an onboard RC oscillator that con-
trols all the logic output timing characteristics. The
oscillator frequency varies over temperature and volt-
age variances, but stays within ±10% of the tuned
value. All the timing values specified in this document
are subject to this oscillator variation.
5.2
RF Enable and PLL Interface
The RFEN pin will be driven high whenever data is
transmitted through the DATA pin.
The RFEN and DATA outputs also interface with RF
PLL’s. The PLL Interface Select (PLLSEL) configura-
tion option selects between ASK and FSK interfaces.
Figure 5-1 shows the startup sequence for both ASK
and FSK interface options. The RFEN signal will go low
at the end of the last code word, including the guard
time (TG). The power-up time (TPU) is the debounce
time plus the step-up regulator ramp up delay if the
Wait For Step-Up Regulator (WAIT) configuration
option is a ‘1’. The PLL step-up time (TPLL) is also used
to update the EEPROM counter.
FIGURE 5-1:
ASK/FSK INTERFACE
5.3
LED Output
The LED pin will be driven low while the HCS370 is
transmitting data. The LED On Time (TLEDON) can be
selected between 50 ms and 100 ms with the LED On
Time Select (LEDOS) configuration option. The LED
Off Time (TLEDOFF) is fixed at 500 ms. When the VDD
voltage drops below the selected VLOW trip point, the
LED will not blink unless the LED Blink (LEDBL) option
is set. If LEDBL is set and VDD is low, then the LED will
only flash once. Waveforms of the LED behavior are
shown in Figure 5-2.
For circuits with VDD greater than 3 volts, be sure to
limit the LED circuit with a series resistor. The LED out-
put can safely sink up to 25 mA but adding an external
resistor will conserve battery power. This is an open
drain output but it does have a weak pull-up capable of
driving a CMOS input.
S0
ASK RFEN
ASK DATA
FSK RFEN
FSK DATA
TPU
TPLL
TE
CODE WORD
CODE WORD
CODE WORD
CODE WORD
VBAT
VREG
STEP
TG
Wait 2 seconds for next
button if QUEN=1
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com