Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370P Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS370P
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370P Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS370P Datasheet HTML 16Page - Microchip Technology HCS370P Datasheet HTML 17Page - Microchip Technology HCS370P Datasheet HTML 18Page - Microchip Technology HCS370P Datasheet HTML 19Page - Microchip Technology HCS370P Datasheet HTML 20Page - Microchip Technology HCS370P Datasheet HTML 21Page - Microchip Technology HCS370P Datasheet HTML 22Page - Microchip Technology HCS370P Datasheet HTML 23Page - Microchip Technology HCS370P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
HCS370
DS41111D-page 20
Preliminary
2002 Microchip Technology Inc.
FIGURE 7-3:
SYNCHRONIZATION WINDOW
7.4
Security Considerations
The strength of this security is based on keeping a
secret inside the transmitter that can be verified by
encrypted transmissions to a trained receiver. The
transmitter’s secret is the manufacturer’s key, not the
encryption algorithm. If that key is compromised then a
smart transceiver can capture any serial number, cre-
ate a valid code word, and trick all receivers trained
with that serial number. The key cannot be read from
the EEPROM without costly die probing but it can be
calculated by brute force decryption attacks on trans-
mitted code words. The cost for these attacks should
exceed what you would want to protect.
To protect the security of other receivers with the same
manufacturer’s code, you need to use the random seed
for secure learn. It is a second secret that is unique for
each transmitter. Its transmission on a special button
press combination can be disabled if the receiver has
another way to find it, or limited to the first 127 trans-
missions for the receiver to learn it. This way, it is very
unlikely to ever be captured. Now if a manufacturer’s
key is compromised, clone transmitters can be created,
but without the unique seed they have to be relearned
by the receiver. In the same way if the transmissions
are decrypted by brute force on a computer, the ran-
dom seed hides the manufacturer’s key and prevents
more than one transmitter from being compromised.
The length of the code word at these baud rates makes
brute force attacks that guess the hopping code take
years. To make the receiver less susceptible to this
attack, make sure that you test all the bits in the
decrypted code for the correct value. Do not just test
low counter bits for sync and the bit for the button input
of interest.
The main benefit of hopping codes is to prevent the
retransmission of captured code words. This works
very well for code words that the receiver decodes. Its
weakness is if a code is captured when the receiver
misses it, the code may trick the receiver once if it is
used before the next valid transmission. To make the
receiver more secure it could increment the counter on
questionable code word receptions. To make the trans-
mitter more secure, it could use separate buttons for
lock and unlock functions. Another way would be to
require two different buttons in sequence to gain
access.
There are more ways to make KEELOQ systems more
secure, but they all have trade offs. You need to find a
balance between security, design effort, and usability,
particularly in failure modes. For example, if a button
sticks or kids play with it, the counter should not end up
in the blocked code window rendering the transmitter
useless or requiring retraining.
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Single Operation
Window
Window
(32K Codes)
(16 Codes)
Double Operation
(resynchronization)
Window
(32K Codes)
Stored
Synchronization
Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com