Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 9 Page - International Rectifier

Part # CW-1/2
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 9 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.irf.com
Figure 4: Lamp filament current during Startup,
Preheat, Ignition Ramp and Run (500mA/div)
Figure 5: Lamp filament voltage during Startup,
Preheat, Ignition Ramp and Run
Figure 6 shows a plot of the half-bridge oscillation frequency as a function of time for all of the normal
modes of operation: Preheat mode, Ignition Ramp mode and Run mode. As shown in Figure 6 there
is an initial startup frequency that is much higher than the steady state Preheat mode frequency that
lasts for only a short duration. Components CSTART and RSTART are used to program this initial
startup frequency. This is done to insure that the initial voltage appearing across the lamp at the
startup of oscillation does not exceed the minimum lamp ignition voltage. If, at the initiation of oscil-
lation of the half-bridge, the voltage across the lamp is large enough, a visible flash of the lamp
occurs which should be avoided. This in effect is a cold strike of the lamp which could shorten the life
of the lamp. An oscillograph of the lamp voltage at startup is shown in Figures 7 and 8 (next page).
Figure 7 shows the lamp voltage without the high initial startup frequency while Figure 8 shows the
lamp voltage with the high initial frequency startup.
f
osc
t
preheat
ignition
run
f
Preheat
f
Run
f
Ignition
Figure 6: Oscillator frequency versus time, Normal operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com