Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 13 Page - International Rectifier

Part # CW-1/2
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 13 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
www.irf.com
turned on or the high side MOSFET, M2, is turned off. The magnitude of this voltage directly relates
to the current in the lamp resonant circuit. Figure 13 shows the voltage which appears across resis-
tor RCS during normal Run mode conditions while Figure 14 shows the voltage appearing across the
lamp during the end of Preheat mode, Ignition Ramp mode and the beginning of Run mode. Also
shown in Figure 13 are the gate drive signals for the low side MOSFET (LO pin) and the high side
MOSFET (HO-VS pin).
Figure 13: Normal Run mode, Upper trace: voltage
across RCS, Middle trace: IC2 LO pin voltage,
Lower trace: IC2 HO-VS pin voltage
Figure 14: Normal lamp ignition: Lamp voltage during
the end of Preheat mode, Ignition Ramp mode
and the beginning of the Run mode
During the Preheat mode the voltage across resistor RCS is not measured. However, at the end of
Preheat mode (the beginning of the Ignition Ramp mode) the hard-switching and over-current detec-
tion are enabled. If at any time thereafter the voltage magnitude across resistor RCS rises above the
over-current (CS+) threshold of the CS pin of IC2, a lamp fault condition is signaled and the half-
bridge output MOSFETs’, (M2 and M3) are turned off and the ballast goes into Fault mode. This can
happen if the lamp fails to ignite or if the upper filament is open. For failure to ignite the lamp, the
current in the half-bridge increases and thus the voltage across resistor RCS increases above the
over-current threshold signaling a fault. Figure 15 shows the voltage across resistor RCS and the
voltage appearing across the lamp when the ballast detects a failure to ignite the lamp and goes into
Fault mode. The CS+ threshold is determined by resistor ROC. An internal current source of 50uA is
connected to the OC pin of IC2 which when applied to resistor ROC sets a voltage at the OC pin.
This voltage is the CS+ threshold of IC2. Figure 16 shows the voltage appearing across the lamp
during the tail end of the Preheat mode and the Ignition Ramp mode for a failure of the lamp to ignite
condition. If the upper filament is open, the half-bridge output hard-switches and each time the low
side MOSFET (M3) is turned on a large current pulse occurs and thus a large voltage pulse occurs
across resistor RCS signaling a fault, Figure 17 shows this hard-switching condition. Figure 18 shows
the lamp voltage during the Preheat mode and beginning of Ignition Ramp mode for this hard-
switching condition when the lamp fault condition is detected. The ballast will remain in Fault mode
until either the line voltage is cycled or a lamp replacement is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com