Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-1/2 Datasheet(PDF) 1 Page - International Rectifier

Part # CW-1/2
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 1 Page - International Rectifier

  CW-1/2 Datasheet HTML 1Page - International Rectifier CW-1/2 Datasheet HTML 2Page - International Rectifier CW-1/2 Datasheet HTML 3Page - International Rectifier CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.irf.com
IR21571 Ballast Control IC Design Kit
Features
= Drives:
1 x 32W T8 Lamp (IRPLLNR2U)
1 x 36W T8 Lamp (IRPLLNR2)
= Input:
90-140VAC/60Hz (IRPLLNR2U)
185-265VAC/50Hz (IRPLLNR2)
= High Power Factor/Low THD
= High Frequency Operation (42kHz)
= Lamp Filament Preheating
= Lamp Fault Protection with Auto-Restart
= Brownout Protection
= IR21571 HVIC Ballast Controller
Description
The IRPLLNR2 is a high efficiency, high power factor, fixed output
electronic ballast designed for driving rapid start fluorescent lamp types. The design contains an EMI
filter, active power factor correction and a ballast control circuit using the IR21571. This demo board is
intended to ease the evaluation of the IR21571 Ballast Control IC, demonstrate PCB layout techniques
and serve as an aid in the development of production ballast’s using the International Rectifier IR21571.
Ballast Block Diagram
EMI Filter
Rectifier
PFC
Half-Bridge
Output Stage
Line
Lamp
PFC Control
IR21571
UVLO
Lamp Fault
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
IRPLLNR2


Similar Part No. - CW-1/2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CW-1/2 IRF-CW-1/2 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - CW-1/2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Texas Instruments
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
High Power-Factor Preregulator
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
Low THD, High Performance LED Driver
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
Power Factor Controller IC for High Power Factor
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
High power quality (Power Factor and THD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com