Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7232ND Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7232ND
Description  TOUCH CONTROL LAMP DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232ND Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7232ND Datasheet HTML 1Page - LSI Computer Systems LS7232ND Datasheet HTML 2Page - LSI Computer Systems LS7232ND Datasheet HTML 3Page - LSI Computer Systems LS7232ND Datasheet HTML 4Page - LSI Computer Systems LS7232ND Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TABLE 1
TOUCH TYPE
SHORT (TS1 Duration)
LONG (TS2 Duration)
PRE-TOUCH
POST-TOUCH
PRE-TOUCH
POST-TOUCH
Ø
Ø
Ø
Ø
Off
Max
Off
Starts varying at Min
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
Off
Memory
Off
Starts varying at
(Note 1)
Memory (Note 2)
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
Off
Max
Off
Starts varying at Min
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
VDD (Pin 7)
Supply voltage negative terminal.
TRIG (Pin 8)
The TRIG output is a low level pulse occurring once every half-
cycle of the SYNC input. The conduction angle, Ø, of the output
in relation to the SYNC signal controls the lamp brightness.
In continuous dimming operation (i.e. when the SENS input is
continuously held low) the TRIG conduction angle, Ø, sweeps up
and down between 41˚ and 158˚ continuously. The time vs Ø
curve is not linear (See Figure 4). Between two maxima on this
curve, there are 4 discontinuous points labeled A1, B1, B2, A2.
The discontinuities are as follows:
1. From maximum to A1. In this region, Ø is changed by
equal increments (
∆ø) for every 2 SYNC clocks.
2. From A1 to B1. In this region, the increments (
∆ø) take
place for every 4 SYNC clocks.
3. From B1 to B2. In this region Ø is held at a constant
level (
∆ø = 0).
4. From B2 to A2. Same as 2.
5. From A2 to Max. Same as 1.
The slower rate of change in ø over A1B1B2A2 region is to
accommodate for eye adjustment at lower light intensity.
The functional differences of the modes of the LS7232ND are explained
in Table 1 and the TRIG output conduction angle diagrams in Figure 4.
MODE
0
(LS7231)
1
(LS7232)
2
(LS7233)
DIMMING
DIRECTION
REVERSAL
(Note 3)
N/A
N/A
NO
YES
N/A
YES
N/A
N/A
YES
NOTE 1: "Memory" refers to the conduction angle, Ø, which existed prior to the current off-state.
First time after power-up, the Memory value defaults to maximum conduction angle.
NOTE 2: First time after power-up, LONG touch causes intensity to vary starting at minimum conduction angle.
NOTE 3: NO = Dimming direction does not reverse from prior dimming direction.
YES = Dimming direction does reverse from prior dimming direction.
N/A = Does not apply
7232ND-012703-2
OUTPUT
DRIVER
DIGITAL
COMPARATOR
Ø
MEMORY
Ø
POINTER
PHASE
LOCK
LOOP
CONTROL
LOGIC
BUF
BUF
BUF
SYNC
CAP
MODE
EXT
SENS
VSS
VDD
FIGURE 2
LS7232ND BLOCK DIAGRAM
4
3
2
6
5
1
7
TRIG
(+V)
(-V)
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com