Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7232ND Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7232ND
Description  TOUCH CONTROL LAMP DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232ND Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7232ND Datasheet HTML 1Page - LSI Computer Systems LS7232ND Datasheet HTML 2Page - LSI Computer Systems LS7232ND Datasheet HTML 3Page - LSI Computer Systems LS7232ND Datasheet HTML 4Page - LSI Computer Systems LS7232ND Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOUCH CONTROL LAMP DIMMER
DESCRIPTION:
LS7232ND is a MOS integrated circuit designed to control
brightness of incandescent lamps. The output of this IC controls
the brightness of a lamp by controlling the firing angle of a triac
connected in series with the lamp. All internal timings are syn-
chronized with the line frequency by means of a built-in phase-
lock loop circuit. The output occurs once every half-cycle of the
line frequency. Within the half-cycle, the output can be posi-
tioned anywhere between 158˚conduction angle for maximum
brightness and 41˚ conduction angle for minimum brightness in
relation to the AC line frequency. The positioning of the output is
controlled by applying a low level at the SENS input or a high
level at the EXT input.
These functions may be implemented with very few interface
components, as shown in Figure 5. When implemented in this
manner, touching of the Touch Plate causes the lamp brightness
to change as follows:
1.
If the Touch Plate is touched momentarily (42ms to 333ms),
the lamp is:
a) turned off if it was on,
b) turned on if it was off.
The brightness resulting is either full brightness or,
depending on the mode, a previous brightness stored in the
IC memory.
2.
If the Touch Plate is touched
for a prolonged time
(more than 342ms) the light intensity changes slowly. As
long as the touch is maintained, the change continues; the
direction of change reverses whenever the maximum or
minimum brightness is reached.
INPUT/OUTPUT DESCRIPTION:
VSS (Pin 1)
Supply voltage positive terminal.
MODE (Pin 2)
The LS7232ND can operate in either of 3 modes, Mode 0,
Mode 1 or Mode 2. A full description of the operating modes is
provided in Table 1. The MODE input level selects the operating
mode as follows:
1
2
3
4
8
7
6
5
TRIG
V DD (-V)
EXT
SENS
V SS (+V)
MODE
CAP
SYNC
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
MODE Input
Mode
Functional Equivalent*
VDD
0
LS7231
Vss
1
LS7232
Float
2
LS7233
*NOTE:
The LS7232ND can replace LS7231, LS7232 and
LS7233 where the DOZE input is not used. The LS7232 PCB
requires no change. The LS7233 PCB requires that the Pin 2
connection be opened. The LS7231 PCB requires that the Pin
2 connection be made to VDD instead of Vss.
CAP (Pin 3)
The CAP input is for the PLL filter capacitor.
A 0.047µF capacitor should be connected to this input.
SYNC (Pin 4)
The AC Line Frequency is applied to this input through an ex-
ternal RC circuit (See Figure 5). The Phase-Lock Loop in the
IC synchronizes all internal timings to the AC signal at the
SYNC input.
SENS (Pin 5)
A low level activates this input (See Table 1) which controls the
turn-on, turn-off and conduction angle, Ø (See Figure 3), of the
TRIG signal with respect to the SYNC input.
EXT (Pin 6)
The EXT input is functionally identical to the SENS input except
that a high level activates this input. It is recommended that the
EXT input be used instead of the SENS input when long exten-
sion wires are employed between the IC and the Sensing Cir-
cuitry (See Figure 5 and Figure 6) because the EXT input is
less susceptible to noise.
7232ND-012703-1
January 2003
FEATURES:
• Phase-lock loop synchronization
allows use in Wall Switch applications.
• Provides brightness control of incandescent lamps
with touch plates or pushbutton switches.
• Controls the duty cycle from 23% to 88%
(conduction angles for AC half-cycles
between 41˚ and 158˚, respectively.)
• Operates at 50Hz/60Hz line frequency.
• Extension input for remote activation.
• +12V to +18V Power Supply voltage (VSS - VDD).
• LS7232ND (DIP); LS7232ND-S (SOIC ) - See Figure 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7232ND
UL
®
A3800


Similar Part No. - LS7232ND

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results

Similar Description - LS7232ND

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com