Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7232ND Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7232ND
Description  TOUCH CONTROL LAMP DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232ND Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7232ND Datasheet HTML 1Page - LSI Computer Systems LS7232ND Datasheet HTML 2Page - LSI Computer Systems LS7232ND Datasheet HTML 3Page - LSI Computer Systems LS7232ND Datasheet HTML 4Page - LSI Computer Systems LS7232ND Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P
115VAC
OR
220VAC
N
LOAD
C1
T
L
C2
R1
R2
A
B
R8
R3
C5
D1
1
2
3
4
8
7
6
5
R4
C3
C4
TRIG V DD
EXT SENS
V SS MODE CAP SYNC
+
SEE NOTE 4
LS7232ND
R6
R5
SEE NOTE 3
FIGURE 5. A Typical Lamp Dimmer
G
Z
-
ELECTRONIC
EXTENSION
(FIG. 6)
EXTN
P
C7
SEE NOTE 5
SEE NOTE 2
R7
C6
NOTES
1) All circuits connected by broken lines are optional.
2) C7 is used only with electronic extension and R7 is used only with mechanical switch.
3) See I/O Description for MODE (Pin 2)
4) Use Connection A when Neutral is not available. Use Connection B when Neutral is available.
5) Connection between Pin 6 & Pin 7 should be broken when EXT is used.
TOUCH
PLATE
MT2
MT1
APPLICATION EXAMPLE:
A typical implementation of a lamp dimmer circuit is shown
in Fig. 5. Here the brightness of the lamp is set by touching
the Touch Plate. The functions of different components are
as follows:
•
The 15V DC supply for the chip is provided by Z, D1,
R1, C2 and C5.
•
R2 and C4 generate the filtered signal for the SYNC
input for synchronizing the internal PLL with the line
frequency.
•
R3 and C7 act as a filter circuit for the electronic
extension. If extensions are not used, the EXT input
(Pin 6) should be tied to VDD (Pin 7).
•
R4, R5, R6 set up the sensitivity of the SENS input.
C6 provides noise filtering.
•
C3 is the filter capacitor for the internal PLL.
•
R8 provides current limiting and isolation between the
chip output and the triac gate.
•
C1 and L are RF filter circuits.
In the case of momentary power failure, the circuit state
remains unchanged for a period of up to 1 sec. For longer
power interruptions, the output is shut off.
C1 = 0.15µF, 200V
R4 = 1M
Ω to 5MΩ, 1/4W
C2 = 0.33µF, 200V
(Select for sensitivity)
C3 = 0.047µF, 25V
R5, R6 = 2.7M
Ω, 1/4W
C4 = 470pF, 25V
R7 = 150k
Ω, 1/4W
C5 = 47µF, 25V
R8 = 100
Ω, 1/4W
C6 = 680pF, 25V
D1 = IN4148
C7 = 0.1µF, 25V
Z = 15V, 1W (Zener)
R1 = 270
Ω, 1W
T = Q4006L4 Triac (Typical)
R2 = 1.5M
Ω, 1/4W
L = 100µH (RFI Filter)
R3 = 1.5M
Ω, 1/4W
(1) For Connection A. Use 0.22µF for Connection B.
(2) For Connection A. Use 1/4W for Connection B.
C1 = 0.15µF, 400V
R4 = 1M
Ω to 5MΩ, 1/4W
C2 = 0.22µF, 400V
(Select for sensitivity)
C3 = 0.047µF, 25V
R5, R6 = 4.7M
Ω, 1/4W
C4 = 470pF, 25V
R7 = 150k
Ω, 1/4W
C5 = 47µF, 25V
R8 = 100
Ω, 1/4W
C6 = 680pF, 25V
D1 = 1N4148
C7 = 0.1µF, 25V
Z = 15V, 1W (Zener)
R1 = 1k
Ω, 2W
T = Q5004L4 Triac (Typical)
R2 = 1.5M
Ω, 1/4W
L = 200µH (RFI Filter)
R3 = 1.5M
Ω, 1/4W
(3) For Connection A. Use 0.1µF for Connection B.
(4) For Connection A. Use 1/4W for Connection B
.
(1)
115V
220V
(2)
(3)
(4)
EXTN
2K
Ω ,1/4W
IN914
TOUCH PLATE
*R
200K
Ω ,1/4W
MPS8599
FIGURE 6.
ELECTRONIC EXTENSION
*R
P
*R = 2M
Ω ,1/4W for 115VAC
*R = 3.6M
Ω ,1/4W for 220VAC
EXTENSIONS:
All switching and dimming functions can be implemented by utilizing the
EXT input. This can be done by either a pushbutton switch or the elec-
tronic switch in conjunction with a Touch Plate, shown in Figure 6.
When the plate is touched, a logic high level is generated at the EXT
input of the IC for both half- cycles of the line frequency. (See Figure 5)
7232ND-012703-4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com