Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8071CLATR331 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL8071CLATR331
Description  1.5A Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8071CLATR331 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL8071CLATR331 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.belling.com.cn
5
BL8071
Load Transient Response (Vin=5V,Vout=3.3V)
Line Transient Response(Vin=5V,Vout=3.3V)
Cin=1uF,Cout=1uf,Iout=1mA-100mA
Cin=1uF,Cout=1uf,Iout=10mA,Vin=4.3V-5.3V
PACKAGE LINE
Package
SOT-223
Devices per reel
2500Pcs
Unit
mm
Package specification:
e
e1
e
θ
L2
C
C
D
D
b1
b
SECTION D-D
b2
b3
SECTION C-C
6.53
6.48
6.58
D
θ
0°
-
8°
R1
0.10
-
-
L1
1.75REF
1.20
1.00
0.80
L
e
2.30BSC
-
6.80
7.20
E
c1
0.31
0.29
0.30
-
0.30
0.35
c
b1
0.76
0.66
0.71
-
0.67
0.80
b
A3
1.00
0.80
0.90
1.60
-
-
1.50
1.70
A2
A1
0.10
0.02
-
1.80
A
MAX
NOM
MIN
SYMBOL
(UNITS OF MEASURE=MILLIMETER)
COMMON DIMENSIONS
3.40
3.50
3.60
E1
e1
4.60BSC
L2
0.25BSC
R
-
0.10
-
θ
14°
12°
10°
D(TOP)
θ
R
R
b3
3.05
2.95
3.00
-
2.96
3.09
b2
ALL DIMENSIONS REFER TO JEDEC STANDARD TO261-AA
NOTES:
D1(BTM)
θ
6.60
6.55
6.65
D1
3.33
3.43
3.53
E2
0.10
0.08
D2
-
-
7.05
D2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com