Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8071CLATR331 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8071CLATR331
Description  1.5A Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8071CLATR331 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8071CLATR331 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.belling.com.cn
1
1.5A Linear Regulator
BL8071
GENERAL DESCRIPTION
BL8071 series are a group of positive voltage
output, high precise, and low power consumption
voltage regulator. Voltages are selectable in 100mV
steps within a range of 1.2V to 5.0V. It also can be
customized on command.
BL8071 series have excellent load and line
transient
response
and
good
temperature
characteristics, which can assure the stability of
chip and power system. And it uses trimming
technique to guarantee output voltage accuracy
within ±2%.
BL8071 series are available in SOT-223 package,
which are lead (Pb)- free.
FEATURES
 Low Quiescent Current: 100uA at 5V
 High PSRR: 70dB range to 1KHz
 Low Output Noise: 44uVRMS
 Low Dropout: 300mV at 1A load
 Maximum output current: 1.5A
 Highly Accurate: ±2%
 Low ESR Ceramic Capacitor Compatible
APPLICATIONS
 Reference Voltage Source
 Battery Powered Equipment
 PC Peripherals
 Wireless Devices
 Instrumentation
TYPICAL APPLICATION
VDD
VOUT
GND
IN
OUT
Cout
Cin
LC1459
BLOCK DIAGRAM
BL8071


Similar Part No. - BL8071CLATR331

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
Low Power Consumption
BL8070CKDTR BELLING-BL8070CKDTR Datasheet
447Kb / 6P
Low Power Consumption
BL8072 BELLING-BL8072 Datasheet
1,005Kb / 7P
2A Low Consumption Linear Regulator
BL8072CLTR181 BELLING-BL8072CLTR181 Datasheet
1,005Kb / 7P
2A Low Consumption Linear Regulator
BL8072CLTR331 BELLING-BL8072CLTR331 Datasheet
1,005Kb / 7P
2A Low Consumption Linear Regulator
More results

Similar Description - BL8071CLATR331

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
1.5A Adjustable Linear Regulator
Rev. 2/17/98
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
logo
List of Unclassifed Man...
CM8563 ETC1-CM8563 Datasheet
190Kb / 7P
1.5A LINEAR BUS TERMINATION REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
1.5A Low-Dropout Linear Regulator
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
??6V, 1.5A Negative Linear Regulator
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
1.5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com