Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1086 Datasheet (PDF) - Sipex Corporation

SP1086 Datasheet PDF - Sipex Corporation
Part # SP1086
Download  SP1086 Download
File Size   492.27 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Low Dropout Linear Regulator

SP1086 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1086 Datasheet PDF - Sipex Corporation

Part # SP1086
Download  SP1086 Click to download

File Size   492.27 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Low Dropout Linear Regulator

SP1086 Datasheet (HTML) - Sipex Corporation


SP1086 Product details

general Description
The SP1086 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 1.5A of load current. The series features on-chip thermal shutdown. It also includes a bandgap reference and a current limiting circuit. The SP1086 is available in 1.5V, 1.8V, 2.5V, 3V, 3.3V, and 5.0V versions. The fixed versions integrate the adjust resistors. It is also available in an adjustable version, which can set the output voltage with only two external resistors. The SP1086 series is available in standard packages of TO-263-3, TO-220, and TO-252.

Features
•  Low Dropout Voltage: Typical 1.3V at 1.5A
•  Current Limiting and Thermal Protection
•  Output Current: 1.5A
•  Current Limit: 2.3A
•  Operating Junction Temperature: 0 to 125°C
•  Line Regulation: 0.015% (Typical)
•  Load Regulation: 0.1% (Typical)
•  Available in RoHS Compliant, Lead Free Packaging

Applications
•  High Efficiency Linear Regulators
•  Battery Charger
•  Post Regulation for Switching Supply
•  Microprocessor Supply
•  Motherboard Power Supply
•  Cable and ADSL Modem
•  DVD-Video Player
•  Telecom Equipment
•  Set Top Boxes and Web Boxes Modules Supply




Similar Part No. - SP1086

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
1.5A Low Dropout Linear Regulator
More results


Similar Description - SP1086

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
1.5A LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
1.5A Low-Dropout Linear Regulator
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
1.5A Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
1.5A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com