Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1086 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086 Datasheet(HTML) 2 Page - Sipex Corporation

  SP1086 Datasheet HTML 1Page - Sipex Corporation SP1086 Datasheet HTML 2Page - Sipex Corporation SP1086 Datasheet HTML 3Page - Sipex Corporation SP1086 Datasheet HTML 4Page - Sipex Corporation SP1086 Datasheet HTML 5Page - Sipex Corporation SP1086 Datasheet HTML 6Page - Sipex Corporation SP1086 Datasheet HTML 7Page - Sipex Corporation SP1086 Datasheet HTML 8Page - Sipex Corporation SP1086 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Pin configuration
V Package
(TO-220)
V
1 Package
(TO-263-3)
OUTPUT
ADJ/GND
INPUT
INPUT
OUTPUT
ADJ/GND
1
2
3
1
2
3
V
2 Package
(TO-252)
1
2
3
ADJ/GND
OUTPUT
INPUT
Figure 2. Pin Configuration of SP086 (Top View)
Functional Block Diagram
Figure . Functional Block Diagram of S
P086
Thermal
Protection
+
-
For Adjustable Output, disconnect A and A2, connect B
INPUT
OUTPUT
ADJ/
GND
A
A2
B
For Fixed Output, connect A and A2, disconnect B


2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com