Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1086 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086 Datasheet(HTML) 4 Page - Sipex Corporation

  SP1086 Datasheet HTML 1Page - Sipex Corporation SP1086 Datasheet HTML 2Page - Sipex Corporation SP1086 Datasheet HTML 3Page - Sipex Corporation SP1086 Datasheet HTML 4Page - Sipex Corporation SP1086 Datasheet HTML 5Page - Sipex Corporation SP1086 Datasheet HTML 6Page - Sipex Corporation SP1086 Datasheet HTML 7Page - Sipex Corporation SP1086 Datasheet HTML 8Page - Sipex Corporation SP1086 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image

Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
1.5A LOW DROPOUT LINEAR REGULATOR
electrical characteristics
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
SP1086-ADJ,
IOUT = 10mA, VIN -VOUT = 2V, TJ = 25oC,
10mA IOUT 1.5A, 1.4V VIN - VOUT 6V
1.238
1.225
1.250
1.250
1.262
1.270
V
Output Voltage
VOUT
SP1086-1.5,
IOUT =10mA, VIN = 3.5V, TJ = 25oC,
10mA IOUT 1.5A, 3V VIN 10V
1.485
1.47
1.5
1.5
1.515
1.53
V
SP1086-1.8,
IOUT = 10mA, VIN = 3.8V, TJ = 25oC,
10mA IOUT
5A, 3.2V VIN 10V
1.782
1.746
1.8
1.8
1.818
1.854
V
SP1086-2.5,
IOUT = 10mA, VIN = 4.5V, TJ = 25oC,
10mA IOUT 1.5A, 3.9V VIN 10V
2.475
2.45
2.5
2.5
2.525
2.55
V
SP1086-3.0,
IOUT = 10mA, VIN = 4.5V, TJ = 25oC,
10mA IOUT 1.5A, 4.9V VIN 10V
2.97
2.94
3.0
3.0
3.03
3.06
V
SP1086-3.3,
IOUT = 10mA, VIN = 5V, TJ = 25oC,
10mA IOUT 1.5A, 4.75V VIN 10V
3.267
3.235
3.3
3.3
3.333
3.365
V
SP1086-5.0,
IOUT = 10mA, VIN = 7V, TJ = 25oC,
10mA IOUT 1.5A, 6.5V VIN 10V
4.95
4.9
5
5
5.05
5.1
V
Line Regulation
VOUT
SP1086-ADJ,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.015
0.035
0.2
0.2
%
SP1086-1.5,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.3
0.6
6
6
mV
SP1086-1.8,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.3
0.6
6
6
mV
SP1086-2.5,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.3
0.6
6
6
mV
SP1086-3.0,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.3
0.6
6
6
mV
SP1086-3.3,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.5
1
10
10
mV
SP1086-5.0,
IOUT = 10mA,
1.5V VIN - VOUT 10V
0.5
1
10
10
mV
the entire junction temperature range for operation, 0oC to 125oC. (PD maximum power dissipation, see Note 2.)
Typicals and limits appearing in normal type apply for TJ = 25oC. Limits appearing in Boldface type apply over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com