Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1086 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP1086
Description  1.5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086 Datasheet(HTML) 5 Page - Sipex Corporation

  SP1086 Datasheet HTML 1Page - Sipex Corporation SP1086 Datasheet HTML 2Page - Sipex Corporation SP1086 Datasheet HTML 3Page - Sipex Corporation SP1086 Datasheet HTML 4Page - Sipex Corporation SP1086 Datasheet HTML 5Page - Sipex Corporation SP1086 Datasheet HTML 6Page - Sipex Corporation SP1086 Datasheet HTML 7Page - Sipex Corporation SP1086 Datasheet HTML 8Page - Sipex Corporation SP1086 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
electrical characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
VOUT
SP1086-ADJ,
10mA IOUT 1.5A,
VIN - VOUT = 2V
0.1
0.2
0.3
0.4
%
SP1086-1.5,
10mA IOUT 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
SP1086-1.8,
10mA IOUT 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
SP1086-2.5,
10mA IOUT 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
SP1086-3.0,
10mA IOUT 1.5A,
VIN - VOUT = 2V
3
7
15
20
mV
SP1086-3.3,
10mA IOUT 1.5A,
VIN - VOUT = 2V
3
7
15
20
mV
SP1086-5.0,
10mA IOUT 1.5A,
VIN - VOUT = 2V
5
10
20
35
mV
Dropout Voltage
IO = 1.5A, VREF = 1%
1.3
1.5
V
Current Limit
ILIMIT
VIN - VOUT = 2V,
1.5
2.3
A
Minimum
Load Current
1.4V
VIN - VOUT 10V (For ADJ)
2
5
mA
Quiescent Current
VIN = VOUT + 1.3V
5
10
mA
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25 F Tantalum,
IOUT = 1.5A, VIN - VOUT = 3V
60
75
dB
Adjust Pin Current
60
120
A
Adjust Pin Current
Change
10mA IOUT
5A,
1.4V VIN -VOUT 10V
0.2
5
A
Temperature
Stability
0.5
%
RMS Noise
(% of VOUT)
TA = 25oC, 10Hz
f
10kHz
0.003
%
Thermal Shutdown
Junction Temperature
165
oC
Thermal Shutdown
Hysteresis
30
oC
Thermal Resistance
Junction-to-Case
JC
TO - 252
TO - 263
TO - 220
4
4
4
oC/W
Note 2: Maximum power dissipation see Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com